công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JDL-A46-R

  • AI
    The **JDL-A46-R** is a specific electronic component, typically categorized as a **DC-powered signal tower or indicator light** (often used in industrial automation for status signaling). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Model Number** | JDL-A46-R | | **Light Source** | High-intensity LED | | **Color** | Red (indicated by the suffix "-R") | | **Operating Voltage** | Usually 12V DC or 24V DC (Model dependent) | | **Mounting Type** | Pole mount or Base mount | | **Function** | Continuous light or Flashing (depending on wiring) | | **Ingress Protection** | IP45 - IP65 (Varies by manufacturer batch) | --- ### 2. Core Electronic Components The device consists of several key electronic assemblies designed for durability in industrial environments: #### A. LED Array (Light Emitting Diodes) Instead of traditional incandescent bulbs, the JDL-A46-R uses an array of LEDs. * **Efficiency:** Consumes significantly less power (typically <2W). * **Longevity:** Rated for approximately 50,000 hours of operation. * **Visibility:** Uses a prismatic lens to diffuse the red light 360 degrees. #### B. Internal PCB (Printed Circuit Board) The internal circuitry manages the power distribution to the LEDs. * **Voltage Regulation:** Includes resistors or small ICs to prevent LED burnout from voltage spikes. * **Polarity Protection:** Usually includes a diode to protect the circuit if the positive and negative wires are accidentally reversed during installation. #### C. Wiring Interface The unit typically features a multi-core cable: * **Red Wire:** Positive terminal for the red light. * **Black/Gray Wire:** Common ground (Negative). * **Purple/Yellow (Optional):** Some models include a separate lead for a buzzer or a different flash pattern. --- ### 3. Application Use Cases This part is commonly integrated into the following systems: 1. **CNC Machinery:** To indicate an emergency stop or a system error. 2. **Assembly Lines:** To signal a shortage of materials. 3. **Safety Enclosures:** To warn personnel that a machine is in an "Active/Danger" state. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage for the JDL-A46-R model?
    • ⤷ How do I wire the JDL-A46-R to a PLC output?
    • ⤷ Does this model include an integrated audible buzzer?