công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JDL-A2A-R

  • AI
    The **JDL-A2A-R** is a specific model of an **Electronic Pressure Switch** (often categorized as a differential pressure switch or air pressure controller). These devices are commonly used in HVAC systems, industrial automation, and safety monitoring to detect the presence or absence of air flow. --- ### 1. Key Technical Specifications Below are the primary electronic and mechanical characteristics of the JDL-A2A-R: | Specification | Details | | :--- | :--- | | **Pressure Range** | Generally 20 to 200 Pa (Pascals) | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Electrical Rating** | 250 VAC / 1.5A to 5A (model dependent) | | **Media** | Air and non-aggressive gases | | **Protection Class** | IP54 | | **Connection Port** | 6.2 mm diameter plastic tube connections | --- ### 2. Internal Electronic Components The device operates on a hybrid electromechanical principle. Here are the core internal parts: #### A. Sensing Diaphragm * **Material:** Usually Silicone or NBR. * **Function:** It physically moves when there is a difference in pressure between the high (P1) and low (P2) ports. #### B. Microswitch (The Core Electronic Component) * The diaphragm is linked to a precision **microswitch**. * When the air pressure reaches the "trip point," the diaphragm triggers the switch mechanism. * **SPDT Configuration:** It has three terminals: 1. **COM (Common)** 2. **NC (Normally Closed)** 3. **NO (Normally Open)** #### C. Adjustment Potentiometer / Spring * A calibrated spring provides resistance against the diaphragm. * An adjustment knob allows the user to set the specific pressure threshold (Set Point) at which the electrical circuit triggers. --- ### 3. Wiring Configuration The electronic interface typically follows this logic: ```mermaid graph LR A[Common Terminal] --- B{Switch Triggered?} B -- No --> C[NC: Circuit Closed] B -- Yes --> D[NO: Circuit Closed] ``` * **Application 1 (Fan Failure):** Connect to **NC**. If the pressure drops (fan fails), the circuit closes to trigger an alarm. * **Application 2 (Filter Monitoring):** Connect to **NO**. If the pressure rises (clogged filter), the circuit closes to indicate maintenance is needed. --- ### 4. Typical Applications 1. **Clogged Filter Detection:** Monitoring the pressure drop across a filter. 2. **Fan Proofing:** Ensuring the blower is actually moving air before turning on heating elements. 3. **Cleanroom Pressure:** Maintaining a positive or negative pressure environment.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the set point on the JDL-A2A-R?
    • ⤷ What is the maximum electrical load this switch can handle?
    • ⤷ How do you wire this switch to an external alarm system?