công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JARP2-ZN-R/Q

  • AI
    The **JARP2-ZN-R/Q** refers to a high-performance, compact **Radio Frequency (RF) Power Splitter/Combiner** module, typically utilized in telecommunications, radar systems, and signal processing. These components are designed to split an input signal into multiple output signals with specific phase and amplitude characteristics. --- ### 1. Key Technical Specifications The "R/Q" designation usually implies a **90-degree (Quadrature)** phase shift between output ports. | Feature | Description | | :--- | :--- | | **Component Type** | RF Power Splitter / Combiner | | **Configuration** | 2-Way 90° (Quadrature Hybrid) | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | Typically VHF/UHF or specific Microwave bands (100MHz - 2GHz range) | | **Package Style** | Surface Mount (SMD) / Shielded Case | | **Connector Type** | Usually Leadless or Solder-down (ZN Series) | --- ### 2. Functional Electronic Parts The internal architecture of the JARP2 series consists of several critical passive electronic elements: 1. **Coupled Transmission Lines:** The core of the device, using microstrip or stripline technology to achieve electromagnetic coupling between ports. 2. **Termination Resistors:** High-precision internal resistors used to absorb reflected power and ensure high isolation between the output ports. 3. **Dielectric Substrate:** A high-frequency ceramic or PTFE-based material that ensures low signal loss (Insertion Loss) and thermal stability. 4. **Shielding Enclosure:** A metal cover (indicated by the "ZN" or similar prefix) that protects the internal circuitry from Electromagnetic Interference (EMI). --- ### 3. Operating Principle (Quadrature Hybrid) In a **JARP2-ZN-R/Q**, the signal entering Port 1 is split equally between Port 2 and Port 3, but with a **90° phase difference**. * **Port 1 (Input):** The source signal. * **Port 2 (0°):** Direct output. * **Port 3 (-90°):** Coupled output with a lag. * **Port 4 (Isolated):** Normally terminated to prevent reflections. --- ### 4. Common Applications * **I/Q Modulators/Demodulators:** Creating the In-phase and Quadrature signals for digital communication. * **Balanced Amplifiers:** Splitting power to two identical amplifiers to improve stability and VSWR. * **Phase Shifters:** Used in antenna arrays for beamsteering.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity for the JARP2 series?
    • ⤷ How does a 90-degree splitter differ from a 180-degree splitter in circuit design?
    • ⤷ What are the typical insertion loss values for this specific RF module?