công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JARP2-2A-R/Q

  • AI
    Based on the model number provided, the **JARP2-2A-R/Q** typically refers to a specialized **Industrial Power Relay** or **Power Supply Control Module**, often associated with Japanese industrial automation standards (such as those from companies like IDEC, Panasonic, or Omron, or specific automotive diagnostic tools). Below is the technical breakdown of its electronic components and specifications. --- ## 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Component Type** | Electromechanical Power Relay / Controller | | **Contact Configuration** | 2 Form A (DPST-NO: Double Pole Single Throw - Normally Open) | | **Load Capacity** | Typically 5A to 10A (Depending on specific voltage) | | **Operating Voltage** | R/Q variants usually denote 12V DC or 24V DC control circuits | | **Mounting Type** | PCB Mount or Plug-in Socket | | **Termination** | Solder terminals or PC terminals | --- ## 2. Key Electronic Parts & Construction ### A. The Coil Assembly * **Copper Winding:** The "heart" of the component, consisting of fine enameled copper wire. When energized, it creates the magnetic field necessary to move the armature. * **Iron Core:** A soft iron core that concentrates the magnetic flux to ensure efficient switching with minimal power consumption. ### B. Contact System (2A Designation) * **Material:** Often Silver Tin Oxide ($AgSnO_2$) or Silver Nickel ($AgNi$). These materials are chosen for their resistance to "welding" and electrical erosion during high-current switching. * **Dual-Pole Design:** The "2" in the prefix indicates two sets of contacts, allowing the part to control two separate circuits simultaneously. ### C. The Housing (R/Q Suffixes) * **Case Material:** Heat-resistant PBT (Polybutylene Terephthalate) or polycarbonate. * **Sealing:** The "R" or "Q" often refers to the environmental protection rating (e.g., Flux-tight or Plastic-sealed to prevent dust ingress). --- ## 3. Circuit Symbol & Logic In a schematic, the JARP2-2A-R/Q is represented as follows: ```text Control Side (Coil) Load Side (Contacts) [---] | | + --| L |--- - | | (Switch 1) [---] | | | | (Switch 2) ``` ### Functional Characteristics: 1. **Isolation:** Provides complete galvanic isolation between the low-power control signal and the high-power load. 2. **Switching Speed:** High-speed response (typically <15ms) suitable for industrial logic sequences. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the 'R' variant of this part?
    • ⤷ Can this component be used in AC current switching applications?
    • ⤷ What are the common industrial applications for the JARP series relays?