công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JAPD2-E-R/Q

  • AI
    The **JAPD2-E-R/Q** is a high-performance power supply unit (PSU), typically classified under **uninterruptible** or **redundant power systems** used in industrial automation, specifically within the **Mitsubishi Electric** ecosystem (often associated with MELSEC series controllers or specialized industrial PC frames). --- ## 1. Technical Specifications Overview The "R/Q" designation usually points to its compatibility with the iQ-R or Q-Series platforms. Below are the typical electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | 100-240V AC (Universal Range) | | **Output Type** | Multi-channel DC (typically 5V and 24V) | | **Cooling** | Active (Internal Fan) or Passive depending on load | | **Redundancy** | Supported (Hot-swappable in specific racks) | | **Protective Circuits** | Overcurrent, Overvoltage, and Short Circuit protection | --- ## 2. Core Electronic Components The JAPD2-E-R/Q functions as a **Switching Mode Power Supply (SMPS)**. Its internal architecture consists of several critical electronic stages: ### A. Input Stage & EMI Filtering * **Bridge Rectifier:** Converts AC input into high-voltage DC. * **PFC (Power Factor Correction):** Most modern JAPD units include active PFC to improve efficiency and reduce harmonic distortion on the power line. * **EMI Filter:** Inductors and capacitors designed to prevent electromagnetic interference from leaking back into the grid. ### B. High-Frequency Switching Logic * **MOSFETs/IGBTs:** These act as the high-speed switches that pulse the DC current through the main transformer. * **PWM Controller:** An integrated circuit that regulates the duty cycle of the switches to maintain a constant output voltage regardless of input fluctuations. ### C. Isolation and Rectification * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC side and the safe DC output side. * **Schottky Diodes:** Used on the output side for fast rectification with low forward-voltage drop, ensuring high efficiency. ### D. Monitoring & Feedback Loop * **Optocouplers:** These allow the output stage to communicate with the input control stage without a physical electrical connection, maintaining isolation. * **Diagnostic LEDs:** Circuits that trigger visual indicators for "Power OK" or "Fault" conditions. --- ## 3. Connectivity & Interface * **Backplane Connector:** A multi-pin high-current connector that interfaces directly with the PLC or IPC backplane. * **Remote Sensing:** Electronic paths that monitor voltage levels at the load point to compensate for voltage drops across the backplane traces. --- ## 4. Maintenance and Longevity The most common electronic failures in these units over time are: 1. **Electrolytic Capacitors:** These dry out over 7–10 years, leading to increased ripple voltage. 2. **Cooling Fan:** Mechanical failure leads to thermal throttling or electronic shutdown. 3. **Surge Suppressors (MOVs):** May degrade if the unit is subjected to frequent lightning or industrial power spikes.
    ✨ Follow-up Questions
    • ⤷ What is the typical MTBF (Mean Time Between Failures) for the JAPD2 series?
    • ⤷ How do I troubleshoot a 'Power Fail' LED on this unit?
    • ⤷ Is the JAPD2-E-R/Q compatible with third-party PLC backplanes?