công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JAPD2-4A-R

  • AI
    The **JAPD2-4A-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Inductor** (often referred to as a power inductor or choke). These components are essential in power management circuits to store energy and filter noise. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Variable (Commonly 4.7µH or 4.0µH depending on exact batch) | | **Current Rating** | High Current (Typically 2A to 4A range) | | **Packaging** | Tape and Reel (indicated by the "-R" suffix) | | **Shielding** | Magnetically Shielded (Prevents EMI interference) | --- ### 2. Physical Construction The "JAPD" series usually features a robust build designed for modern PCB assembly: * **Core Material:** Ferrite or Composite Metal Powder. This allows for high saturation currents and low core losses. * **Shielding:** The component is enclosed in a magnetic shield. This is critical for high-density boards where parts are packed closely together, as it prevents the inductor's magnetic field from affecting neighboring components. * **Terminations:** Solder-plated leads/pads designed for reflow soldering processes. --- ### 3. Common Applications This part is frequently found in high-efficiency power electronics, including: 1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) converters to smooth out current ripples. 2. **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards to provide stable power to CPUs/GPUs. 3. **Battery Powered Devices:** Used in smartphones and tablets due to its small footprint and high efficiency. 4. **LED Drivers:** To provide a constant, filtered current to high-brightness LEDs. --- ### 4. Part Number Breakdown While manufacturer codes vary slightly, the suffixing usually follows this logic: * **JAPD:** Series/Manufacturer Series code. * **2-4A:** Size/Inductance/Current rating identifier. * **-R:** Indicates the part is supplied on a **Reel** for automated pick-and-place machines. --- ### 5. Selection Considerations When replacing or designing with the JAPD2-4A-R, pay attention to: * **DCR (DC Resistance):** Lower DCR results in less heat generation and higher efficiency. * **Saturation Current ($I_{sat}$):** The point where inductance drops by a specific percentage (usually 30%). Do not exceed this in your circuit. * **Operating Temperature:** Ensure the ambient environment does not exceed the component's rated temperature (often -40°C to +125°C).
    ✨ Follow-up Questions
    • ⤷What is the exact saturation current rating for the JAPD2-4A-R?
    • ⤷ Are there equivalent drop-in replacements from brands like Coilcraft or TDK?
    • ⤷ Does this component comply with RoHS environmental standards?