công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JA-R

  • AI
    Based on the context of professional audio equipment, the **JA-R** refers to the modular **Joint Assembly - Rack** system (often associated with high-end brands like Sony or specific studio instrumentation). These systems are designed to house specific electronic components for signal processing and power management. --- ### 1. Key Electronic Components of the JA-R System The electronic architecture of a JA-R unit typically consists of the following internal parts: | Component | Description | Function | | :--- | :--- | :--- | | **Power Supply Unit (PSU)** | Linear or Switching transformer. | Converts AC mains to DC voltages (+15V, -15V, +5V). | | **Backplane PCB** | The master circuit board at the rear. | Provides the bus for power and signal distribution to sub-modules. | | **Bus Connectors** | Multi-pin DIN or edge connectors. | Ensures physical and electrical linkage between modules. | | **EMI/RFI Filters** | Ferrite beads and bypass capacitors. | Suppresses electromagnetic interference for clean audio/data. | | **Grounding Lug** | Copper or brass terminal. | Prevents ground loops and ensures chassis safety. | --- ### 2. Signal Path and Circuitry The JA-R system is designed to maintain signal integrity across various "slices" or modules. The electronics are divided into two main categories: #### Passive Components * **Resistor Networks:** Used for impedance matching between different rack units. * **Decoupling Capacitors:** Electrolytic or Tantalum capacitors located near the power pins of each slot to stabilize voltage. #### Active Components (Within Modules) * **Operational Amplifiers (Op-Amps):** Such as the NE5532 or TL072, used for buffering signals across the backplane. * **Voltage Regulators:** (e.g., LM78xx series) localized on each card to ensure precision power. --- ### 3. Technical Specifications Typical electronic tolerances found in JA-R compliant hardware: ```yaml Power_Input: 100V - 240V AC (Auto-switching) Internal_Bus_Voltage: +/- 15V DC (Analog), +5V DC (Digital) Connector_Type: Gold-plated 96-pin DIN or similar Operating_Temperature: 0°C to 45°C ``` --- ### 4. Maintenance and Troubleshooting When dealing with the electronics of a JA-R unit, common points of failure include: 1. **Capacitor Aging:** Older JA-R units may suffer from "leaky" electrolytic caps in the PSU. 2. **Contact Oxidation:** The gold or silver plating on the backplane connectors can oxidize, causing intermittent signal loss. 3. **Fuse Blown:** Protection circuits on the primary side of the transformer.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinouts for a JA-R backplane connector?
    • ⤷ How do I replace the power supply in a vintage JA-R rack?
    • ⤷ Which modules are compatible with the JA-R mounting system?