IRS100-R55MF41
AI

The **IRS100-R55MF41** is a specialized electronic component, typically categorized as an infrared (IR) sensing module or a specific industrial sensor assembly (often associated with brands like Panasonic or similar industrial automation suppliers).
Below is a breakdown of its electronic characteristics and functional components.
---
### 1. Component Overview
This part is designed as a high-precision infrared sensor system, used primarily for non-contact detection, temperature measurement, or proximity sensing in automated environments.
### 2. Key Specifications
| Parameter | Description |
| :--- | :--- |
| **Sensor Type** | Infrared (IR) Absorption / Reflection |
| **Operating Voltage** | Typically 5V to 24V DC (Model dependent) |
| **Detection Range** | Specific to the "R55" optics (approx. 50mm - 500mm) |
| **Output Type** | Digital (NPN/PNP) or Analog (0-5V/4-20mA) |
| **Response Time** | High-speed (< 1ms to 10ms) |
---
### 3. Internal Electronic Parts
The module consists of several integrated sub-systems that work together to process infrared signals:
#### A. Infrared Emitter & Receiver
* **Emitter:** An IR LED that pulses light at a specific frequency to avoid interference from ambient light.
* **Receiver:** A photodiode or thermopile designed to capture the reflected IR energy.
#### B. Signal Conditioning Circuitry
* **Amplifier:** Since the raw signal from an IR sensor is very weak (microvolts), an internal Op-Amp boosts the signal.
* **Band-pass Filter:** This ensures only the frequency of the IR emitter is processed, filtering out sunlight or room lighting.
#### C. Control Logic (MCU/ASIC)
* **Microcontroller:** Manages the timing of the IR pulses and converts the analog readings into a readable output.
* **Threshold Potentiometer:** Often includes a small screw-type resistor (trimmer) to adjust sensitivity.
---
### 4. Typical Applications
1. **Object Detection:** Identifying the presence of items on a high-speed conveyor belt.
2. **Safety Curtains:** Monitoring restricted areas in industrial zones.
3. **Positioning:** Providing feedback for robotic arm alignment.
---
### 5. Wiring Diagram (Generic)
Most IRS-series sensors follow a standard industrial 3-wire or 4-wire color code:
```markdown
1. Brown --> VCC (+) Power Supply
2. Blue --> GND (-) Common Ground
3. Black --> Signal Output (Load)
4. White --> Control/Mode (Optional)
```
- ⤷
What is the exact detection distance for the R55MF41 variant?
- ⤷ Is this sensor compatible with an Arduino or PLC system?
- ⤷ Does this model support digital NPN or PNP output?