IRS100-R55MF40
AI

The **IRS100-R55MF40** is a specific electronic component typically categorized as an **Infrared (IR) Sensor** or **Pyroelectric Infrared (PIR) Sensor**. These components are designed to detect thermal radiation (human motion) or specific light frequencies within the infrared spectrum.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series of infrared parts, here are the typical technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Pyroelectric Infrared Sensor (PIR) |
| **Spectral Response** | 5.5µm to 14µm (Standard Far-Infrared) |
| **Supply Voltage (Vdd)** | 2.0V to 15.0V (Typical range) |
| **Output Type** | Analog (Source Follower) |
| **Operating Temp** | -40°C to +85°C |
| **Window Material** | Silicon with Optical Filter |
---
### 2. Internal Electronic Structure
The IRS100 series generally consists of three primary internal elements:
1. **Pyroelectric Ceramic Element:** A thin slice of ceramic material that generates an electrical charge when exposed to changes in heat (infrared radiation).
2. **Field Effect Transistor (FET):** Since the signal generated by the ceramic is extremely high-impedance and low-power, an internal JFET acts as an impedance converter (buffer) to provide a usable output signal.
3. **Optical Filter:** A "window" that limits the incoming light to specific wavelengths (usually 5.5µm - 14µm) to prevent false triggers from visible light or sunlight.
---
### 3. Pin Configuration and Circuitry
To use this part in an electronic design, you must understand the standard 3-pin layout:
| Pin Name | Description | Function |
| :--- | :--- | :--- |
| **Drain** | Vcc / Power | Connected to the positive supply voltage. |
| **Source** | Output | The analog signal pin (requires a load resistor). |
| **Ground** | Common | The metal housing and ground reference. |
#### Typical Application Schematic
```cpp
// Basic Circuit Logic
[VCC] ---- [Drain Pin]
[Source Pin] ---- [Load Resistor (10k-100k)] ---- [GND]
|
|---> (To Operational Amplifier or ADC)
```
---
### 4. Common Applications
* **Security Systems:** Motion detectors for burglar alarms.
* **Smart Lighting:** Automatic street lights or indoor "hands-free" switches.
* **Consumer Electronics:** Proximity sensing for displays or smart appliances.
* **Industrial:** Non-contact temperature measurement or flame detection.
---
- ⤷What is the difference between an analog and digital PIR sensor?
- ⤷ How do I choose the correct load resistor for the IRS100 series?
- ⤷ Can this sensor detect stationary objects or only moving ones?