công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IRS080-R55MF30

  • AI
    The **IRS080-R55MF30** is a specific model of an **Infrared (IR) Flame Detector**, typically utilized in industrial automation and fire safety systems. This device is designed to detect the presence of fire by identifying the specific infrared radiation emitted by flames. --- ### 1. Key Technical Specifications Based on the nomenclature typical for this series (likely manufactured by sensors technology firms like Rezontech), here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Detection Type** | Infrared (IR) | | **Spectral Range** | Optimized for IR signatures (e.g., CO2 emission peaks) | | **Input Voltage** | Typically 24V DC (Range: 18V - 30V DC) | | **Output Signals** | Relays (Fire/Fault), 4-20mA Current Loop, or RS-485 | | **Field of View (FOV)** | 90° to 120° (Horizontal/Vertical) | | **Detection Distance** | Up to 30-50 meters for standard fires | | **Enclosure Rating** | Often IP66/IP67 or Explosion-proof (Ex d) | --- ### 2. Major Electronic Components The internal circuitry of the IRS080-R55MF30 consists of several critical subsystems: #### A. The IR Sensor Element * **Pyroelectric Sensor:** The heart of the device. It converts the thermal energy from infrared light into an electrical signal. * **Optical Filter:** A specialized window that only allows specific wavelengths (usually 4.3 to 4.5 microns) to pass, minimizing false alarms from sunlight or artificial lighting. #### B. Signal Processing Unit (MCU) * **Microcontroller:** Analyzes the frequency and intensity of the incoming signals. It looks for the "flicker" pattern characteristic of fire (usually 1Hz to 20Hz). * **Digital Signal Processing (DSP):** Algorithms used to filter out noise from welding arcs, heaters, or lightning. #### C. Interface & Output Circuitry * **Relay Modules:** Mechanical or solid-state switches that trigger fire alarms or suppressants. * **4-20mA Transmitter:** Provides a continuous analog signal representing the health and status of the detector. * **Communication Bridge:** Often includes a chip for Modbus RS-485 communication for remote monitoring. --- ### 3. Wiring and Connectivity Standard electronic installation involves the following pin-out categories: ```yaml Terminal_Block: - Power: [V+ (24V), V- (GND)] - Alarm_Relay: [Common, NO, NC] - Fault_Relay: [Common, NO, NC] - Analog_Out: [4-20mA Signal] - Communication: [RS-485 A, RS-485 B] ``` --- ### 4. Use Cases 1. **Oil & Gas Facilities:** Detecting hydrocarbon fires in refineries. 2. **Chemical Plants:** High-speed detection where smoke detectors are too slow. 3. **Storage Warehouses:** Monitoring large open areas for ignition sources. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an IR detector and a UV detector in fire safety?
    • ⤷ How do I troubleshoot a 'Fault' signal on an IRS080 series detector?
    • ⤷ Can this sensor be integrated into a standard PLC system?