công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IRS060-R55MF40

  • AI
    The **IRS060-R55MF40** is a specialized high-performance industrial servo motor, typically part of the **IRS Series** manufactured by companies like **Inovance** or similar motion control providers. It is designed for high-precision motion control applications. --- ## 1. Technical Specifications Overview The part number breaks down into specific electrical and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Motor Series** | IRS (High Response / High Precision) | | **Frame Size** | 60mm | | **Rated Power** | 400W - 550W (Designated by "40") | | **Rated Voltage** | 220V AC (Standard for R-series) | | **Encoder Type** | 23-bit Magnetic/Optical Absolute Encoder | | **Feedback Mechanism** | Multi-turn absolute | --- ## 2. Key Electronic Components The "electronic" side of this motor refers to its internal feedback sensors and electrical windings: ### A. The Encoder (The Brain) The most critical electronic part is the **Integrated Absolute Encoder**. * **Resolution:** Typically 23-bit (8,388,608 pulses per revolution). * **Function:** It tracks the exact position of the rotor shaft. Being "Absolute" means the motor knows its position immediately upon power-up without needing a homing sequence. * **Communication:** Uses a high-speed serial protocol to communicate with the Servo Drive. ### B. Stator Windings * **Phase:** 3-Phase AC Permanent Magnet Synchronous Motor (PMSM). * **Insulation Class:** Class F (standard for industrial heat resistance). * **Wiring:** High-density copper windings designed to minimize "cogging torque," ensuring smooth rotation at low speeds. ### C. Connectors (Interface) The motor utilizes two primary electronic interfaces: 1. **Power Connector:** 4-pin (U, V, W, Ground) to receive high-voltage PWM signals from the drive. 2. **Signal Connector:** 6-pin or 9-pin connector for encoder feedback (Vcc, GND, Data+, Data-, and Shield). --- ## 3. Performance Characteristics * **Low Rotor Inertia:** The electronic control allows for rapid acceleration and deceleration, making it ideal for "pick-and-place" robotics. * **Thermal Protection:** Internal thermistors (NTC/PTC) are often embedded in the windings to signal the drive to shut down if temperatures exceed safe limits. * **Electromagnetic Compatibility (EMC):** The internal shielding is designed to prevent electronic noise from interfering with the encoder signal. --- ## 4. Typical Applications * **SMT Machines:** Precision placement of electronic components on PCBs. * **Packaging Machinery:** High-speed labeling and sorting. * **CNC Tool Changers:** Quick and precise positioning of mechanical tools.
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drive models for the IRS060-R55MF40?
    • ⤷ How does the 23-bit absolute encoder compare to a standard incremental encoder?
    • ⤷ What is the specific torque rating for this 400W motor model?