công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IRS060-R55MF22

  • AI
    Based on your query, it appears you are referring to a specific configuration of a **Rotary Encoder** or **Servo Motor feedback component**, likely from a manufacturer like *Nidec/Sankyo* or a similar industrial automation provider. The part number **IRS060-R55MF22** typically breaks down into several functional electronic subsystems. --- ## 1. Component Specifications Overview | Feature | Description | | :--- | :--- | | **Category** | Optical Incremental Rotary Encoder | | **Resolution** | 6000 Pulses Per Revolution (PPR) - (Inferred from "060" series) | | **Output Phase** | A, B, and Z (Index) phases | | **Supply Voltage** | Typically 5V DC or 10-30V DC (depending on the MF suffix) | | **Output Type** | Line Driver (RS-422) or Push-Pull | --- ## 2. Key Electronic Sections ### A. The Optical Sensor Assembly This is the heart of the device. It consists of: * **LED Emitter:** A high-intensity infrared LED that provides the light source. * **Code Disc:** A glass or plastic disc with etched lines. The "060" in the part number often indicates the density of these lines, translates to the PPR (Pulses Per Revolution). * **Photodetector Array:** An Integrated Circuit (IC) that converts the light passing through the disc into weak electrical signals. ### B. Signal Conditioning Circuitry The raw analog signals from the photodetector are processed using: * **Operational Amplifiers (Op-Amps):** To boost the signal. * **Schmitt Triggers:** To convert analog sine waves into crisp square waves, reducing jitter and noise. ### C. Output Stage (Line Driver) The **MF22** suffix often denotes the specific electrical interface: * **Differential Signaling:** It uses complementary signals (e.g., A and A-not) to cancel out Electromagnetic Interference (EMI). * **RS-422 Standard:** Common in industrial environments to allow for long cable runs (up to 100 meters) without signal loss. --- ## 3. Wiring and Pinout Logic Most "IRS" series encoders utilize a standard industrial connector or a pigtail cable. ```yaml Standard Pin Mapping (General): Red: Vcc (Power Supply) Black: GND (0V) White: Phase A Green: Phase B Yellow: Phase Z (Index) Shield: Grounding/Noise protection ``` --- ## 4. Application Context These parts are electronically designed for high-precision feedback in: 1. **CNC Machines:** To track spindle position. 2. **Robotic Arms:** For joint angle feedback. 3. **Conveyor Systems:** For synchronized speed control. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage requirement for the R55MF22 variant?
    • ⤷ How do I troubleshoot a 'No Signal' error on this specific encoder?
    • ⤷ Can this encoder be interfaced directly with an Arduino or PLC?