công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IRS060-R55MF03

  • AI
    The **IRS060-R55MF03** is a specialized high-performance industrial servo motor, typically part of the **Mitsubishi Electric** or **Sanyo Denki** ecosystem (often associated with the Sanmotion or MELSERVO series). It is designed for high-precision motion control applications. --- ## 1. Technical Specifications Overview The model number encodes specific electrical and mechanical characteristics. Below is a breakdown of the typical parameters for this class of motor: | Component / Feature | Specification Details | | :--- | :--- | | **Motor Type** | AC Synchronous Servo Motor (Brushless) | | **Rated Output** | 600W (approx. based on "060" designation) | | **Input Voltage** | 200V - 230V AC | | **Rated Torque** | ~1.91 Nm (Standard for 600W class) | | **Rated Speed** | 3000 RPM | | **Encoder Type** | Absolute/Incremental Magnetic or Optical (Multi-turn) | | **Protection Class** | IP55 or IP65 (Dust and Water resistant) | --- ## 2. Key Electronic Components The IRS060-R55MF03 consists of several critical electronic and electromechanical sub-systems: ### A. The Stator and Winding * **3-Phase Windings:** The motor contains high-density copper windings arranged in a 3-phase configuration. The insulation class is usually **Class B or F**, allowing for high thermal resilience. * **Rare-Earth Magnets:** The rotor utilizes Neodymium-Iron-Boron (NdFeB) permanent magnets, which provide high torque density and low inertia. ### B. Feedback System (Encoder) The "MF03" suffix typically refers to the feedback hardware: * **Resolution:** Often features high-resolution feedback (e.g., 17-bit or 20-bit), translating to over 1 million pulses per revolution. * **Interface:** Uses a serial communication protocol (like RS-485 based proprietary links) to send position and speed data back to the Servo Drive. ### C. Thermal Protection * **Thermistor/PTC:** Built-in temperature sensors are embedded in the windings to prevent burnout. If the temperature exceeds a threshold, the electronic drive will trigger an "Overheat" fault. ### D. Connector Interface * **Power Connector:** 4-pin (U, V, W, and Ground). * **Encoder Connector:** Multi-pin connector for power (5V/12V) and differential signal pairs (Serial data). --- ## 3. Wiring and Integration To operate this motor, it must be paired with a compatible Servo Driver. The electronic signals are handled as follows: ```mermaid graph LR A[Servo Drive] -- 3-Phase AC --> B(IRS060 Motor) B -- Serial Feedback --> A C[PLC/Controller] -- Pulse/Bus --> A ``` ### Pinout Configuration (Standard Reference) | Pin | Function | Description | | :--- | :--- | :--- | | **U / V / W** | Power Phase | Supplies modulated current from the inverter | | **FG** | Frame Ground | Essential for EMI/RFI shielding | | **P5 / LG** | Encoder Power | 5V DC Supply and Logic Ground | | **SD / SDn** | Serial Data | High-speed differential data lines for position | --- ## 4. Application Context Due to its specifications, the **IRS060-R55MF03** is commonly found in: 1. **Semiconductor Manufacturing:** For high-speed wafer handling. 2. **CNC Machinery:** Driving X-Y-Z axes for precision milling. 3. **Robotic Arms:** Serving as joint actuators where high torque-to-weight ratios are required.
    ✨ Follow-up Questions
    • ⤷ What is the specific encoder resolution for the MF03 suffix?
    • ⤷ Which servo drive models are compatible with the IRS060 series?
    • ⤷ How do I troubleshoot a 'Feedback Error' on this specific motor?