công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IRS060-R53VF41

  • AI
    The **IRS060-R53VF41** is a specialized precision motion control component, commonly associated with high-resolution rotary encoders or integrated motor-drive systems used in industrial automation. Below is a breakdown of the electronic parts and technical characteristics typically found in this series. --- ### 1. Technical Specifications This part belongs to a category of high-performance sensing or driving units. The following table summarizes its core parameters: | Parameter | Description | | :--- | :--- | | **Component Type** | Rotary Encoder / Motion Sensor Module | | **Input Voltage** | Typically 5V DC or 24V DC (Model specific) | | **Interface** | RS-422 / TTL / Differential Line Driver | | **Resolution** | High-precision pulse count (R53 variants often denote specific resolution steps) | | **Housing Material** | Industrial-grade reinforced polymer or aluminum | --- ### 2. Key Electronic Internal Components The internal architecture of the IRS060-R53VF41 consists of several critical electronic sub-systems: #### A. Optical/Magnetic Sensing Array * **LED Emitter:** A high-stability infrared light source. * **Photodetector IC:** A custom ASIC (Application-Specific Integrated Circuit) that converts light signals (passing through a coded disk) into electrical pulses. #### B. Signal Processing Circuitry * **Operational Amplifiers (Op-Amps):** Used to amplify the weak analog signals from the photodetectors. * **Comparators:** Convert analog sine/cosine waves into clean digital square waves (A/B phases). * **Interpolation Chip:** Enhances resolution by mathematically dividing the base pulse count. #### C. Output Interface * **Line Drivers:** Integrated circuits (like the 26LS31) that ensure signal integrity over long cable runs by providing differential outputs, reducing electromagnetic interference (EMI). * **Protection Diodes:** TVS (Transient Voltage Suppressor) diodes to protect the internal logic from voltage spikes. --- ### 3. Connection Pinout (General Layout) While specific pinouts vary by manufacturer (often associated with brands like Nemicon or specialized CNC suppliers), the standard wiring for the **VF41** suffix generally follows this logic: ```yaml Pin 1: Vcc (Power Supply +) Pin 2: GND (0V) Pin 3: Phase A (+) Pin 4: Phase A (-) Pin 5: Phase B (+) Pin 6: Phase B (-) Pin 7: Phase Z (Index +) Pin 8: Phase Z (Index -) Pin 9: Shield/Case Ground ``` --- ### 4. Typical Applications * **CNC Machinery:** Precise positioning of spindle or axis motors. * **Robotics:** Feedback loops for articulated robotic arms. * **Medical Equipment:** High-resolution imaging table positioning.
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution (Pulses Per Revolution) for the R53 variant?
    • ⤷ Is the IRS060 series compatible with standard 24V PLC inputs?
    • ⤷ What are the common failure modes for this specific encoder model?