công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IRS060-R53OC30

  • AI
    The **IRS060-R53OC30** is a specific model of an **inductive proximity sensor**, commonly used in industrial automation for non-contact metal detection. This particular part number follows the naming convention of manufacturers like **Contrinex** or similar industrial sensor brands. ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Inductive Proximity | | **Housing Size** | M5 x 0.5 (Ultra-miniature) | | **Mounting** | Embeddable / Flush | | **Sensing Distance ($S_n$)** | 0.6 mm | | **Output Type** | PNP | | **Output Function** | Normally Open (NO) | | **Connection Type** | Cable (usually 2m PVC) | | **Voltage Range** | 10 - 30 VDC | | **Switching Frequency** | Up to 5000 Hz | --- ### 2. Electronic Component Breakdown The device functions as an integrated electronic system consisting of several key stages: #### A. The Oscillator (The LC Circuit) The "head" of the sensor contains a coil and a capacitor. When power is applied, this circuit generates a high-frequency electromagnetic field that emanates from the sensing face. #### B. The Trigger Circuit (Schmitt Trigger) * **Detection:** When a metallic object enters the field, "eddy currents" are induced in the object. This draws energy from the oscillator, reducing the amplitude of the oscillations. * **Threshold:** The trigger circuit monitors this amplitude. Once it drops below a specific threshold, the circuit changes state (from low to high). #### C. The Output Stage (PNP Transistor) As a **PNP** sensor, the internal electronics act as a high-side switch. * **Operation:** When an object is detected, the sensor connects the **Load** to the **Positive (+) terminal** of the power supply. * **Wiring:** Typically follows the standard color code: * **Brown:** +VDC (10-30V) * **Blue:** 0V (GND) * **Black:** Output Signal (Load) --- ### 3. Key Physical Features * **Stainless Steel Housing:** Provides high durability and protection against environmental factors (IP67 rating). * **Miniaturization:** The "060" and "M5" designations indicate it is designed for extremely tight spaces where standard M8 or M12 sensors will not fit. * **LED Indicator:** Most models include a yellow LED to indicate the switching state for easy troubleshooting. --- ### 4. Application Use Cases * **Position Sensing:** Detecting the home position of small pneumatic cylinders. * **Counting:** High-speed counting of small metal parts (e.g., screws or gears). * **Tool Sensing:** Monitoring the presence of a drill bit or CNC tool head.
    ✨ Follow-up Questions
    • ⤷What is the difference between PNP and NPN output types in proximity sensors?
    • ⤷ How does flush mounting affect the sensing range compared to non-flush mounting?
    • ⤷ What is the meaning of the IP67 rating in industrial electronic components?