công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IRS060-R53OC00

  • AI
    Based on the part number provided, the **IRS060-R53OC00** typically refers to a specialized industrial automation component, often associated with **rotary encoders** or **servo motor feedback systems** (frequently used in brands like Tamagawa or similar motion control manufacturers). --- ## 1. Technical Specifications Overview This component is an optical sensing device used to translate mechanical motion into electrical signals. | Feature | Specification Details | | :--- | :--- | | **Type** | Incremental Rotary Encoder / Optical Sensor | | **Resolution** | Usually 2500 to 5000 Pulses Per Revolution (PPR) | | **Output Phase** | A, B, and Z (Index) phases | | **Input Voltage** | Typically 5V DC (common for TTL logic) | | **Signal Type** | Line Driver or Open Collector (OC indicates Open Collector) | --- ## 2. Breakdown of the Part Number While specific manufacturer codes vary, the alphanumeric string generally breaks down as follows: * **IRS:** Refers to the series (Incremental Rotary Sensor). * **060:** Often indicates the outer diameter of the housing (60mm). * **R:** Represents the mounting style (e.g., Radial cable outlet or Flange type). * **53:** Often denotes the resolution or internal disk configuration. * **OC:** Stands for **Open Collector**. This is a specific type of electronic output circuit. * **00:** Modification or revision code. --- ## 3. Electronic Components & Internal Logic The "OC" (Open Collector) designation is the most critical electronic aspect of this part. ### The Open Collector Circuit In an Open Collector output, the encoder uses an NPN transistor. 1. **Switching:** The transistor acts as a switch to the ground (0V). 2. **External Pull-up:** To see a voltage signal (high/low), you must connect an external resistor to a power source (e.g., 5V or 24V). 3. **Benefit:** This allows for **Level Shifting**. You can power the encoder with 5V but interface it with a 24V PLC input by using a 24V pull-up resistor. ### Optical Sensing Logic * **LED Emitter:** An internal infrared LED shines light through a slotted disk. * **Photodetector:** A phototransistor or IC receives the light pulses. * **Signal Processing:** An internal Schmidt trigger cleans the analog sine wave into a sharp square wave for the output. --- ## 4. Connection Interface Typically, these parts utilize a multi-core shielded cable or a circular connector. | Wire Color (Common) | Function | Description | | :--- | :--- | :--- | | Red | Vcc | Positive Power Supply (usually 5V-12V) | | Black | GND | 0V Reference | | Green | Phase A | Main pulse signal | | White | Phase B | Quadrature signal (90° offset to detect direction) | | Yellow | Phase Z | Index pulse (once per revolution) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency response for the IRS060 series?
    • ⤷ How do I wire an Open Collector encoder to a PLC with PNP inputs?
    • ⤷ Can this part be replaced by a Line Driver version (LD) instead of OC?