công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IRS060-R53MF10

  • AI
    The **IRS060-R53MF10** is a specialized electronic component, typically classified as a **high-precision current sensing resistor** or a specific **magnetic/inductive component** depending on the manufacturer (often associated with brands like Isabellenhütte or similar precision shunt manufacturers). Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of precision resistors/shunts, here are the typical specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Precision Shunt Resistor | | **Resistance Value** | 0.53 mΩ (0.00053 Ohms) | | **Tolerance** | ±1.0% (indicated by 'F') | | **Power Rating** | High wattage (typically 5W to 7W depending on mounting) | | **Temperature Coefficient** | Very Low (TCR < 50 ppm/K) | | **Material** | Manganin or similar proprietary alloy | --- ### 2. Internal Electronic Design The device is engineered for **Current Sensing** in high-power circuits. Its internal parts and construction focus on stability: * **Electron-Beam Welded Composite:** It often consists of a resistive alloy (like Manganin) welded between two heavy copper connectors. This ensures low thermal EMF. * **Low Inductance:** The physical geometry is designed to minimize parasitic inductance (typically < 3 nH), which is critical for accurate switching measurements in power electronics. * **Thermal Management:** The "MF" designation often refers to the mounting style (e.g., Metal Foot or specific lead-frame) designed to dissipate heat directly into a PCB or busbar. --- ### 3. Application Use Cases This part is used where precise current measurement is required under high-load conditions: 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Electric Vehicles (EV). 2. **Frequency Converters:** Real-time current feedback for motor control. 3. **Power Inverters:** Measuring output current in solar or industrial power supplies. 4. **Smart Grid Meters:** High-accuracy energy consumption tracking. --- ### 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **IRS** | Series Identifier (e.g., Isabellenhütte Resistor Shunt) | | **060** | Physical Size/Form Factor | | **R53** | Resistance Value (0.53 mΩ) | | **M** | Multiplier / Tolerance Marker | | **F** | Tolerance Class (±1.0%) | | **10** | Specific Revision or Packaging Code |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the 0.53 mOhm variant?
    • ⤷ How does temperature affect the accuracy of this shunt resistor?
    • ⤷ What are the recommended soldering techniques for high-precision shunts?