IP1726LF-DS-R01
AI

## Overview of IP1726LF-DS-R01
The **IP1726LF-DS-R01** is a high-performance, single-chip **24-port 10/100 Mbps + 2-port Gigabit Ethernet Switch Controller**. Developed by IC Plus Corp, it is designed to provide a cost-effective and energy-efficient solution for SOHO (Small Office/Home Office) and SMB (Small/Medium Business) networking equipment.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Port Configuration** | 24-Port 10/100Base-TX + 2-Port 10/100/1000Base-T/SFP |
| **Package Type** | 128-pin PQFP (Plastic Quad Flat Pack) |
| **Fabric Speed** | 8.8 Gbps Switching Capacity |
| **MAC Address Table** | 8K Entries |
| **Buffer Memory** | Integrated 2.75Mb embedded memory |
| **VLAN Support** | Port-based and IEEE 802.1Q Tagged VLAN |
| **QoS Management** | 4 priority queues per port |
---
### Core Electronic Characteristics
The internal architecture of the IP1726LF-DS-R01 focuses on high integration to reduce the overall Bill of Materials (BOM).
#### 1. Integrated PHY and MAC
The chip integrates 24 Fast Ethernet Media Access Controllers (MACs) and 24 Physical Layer transceivers (PHYs). The two additional Gigabit ports typically provide interfaces like **RGMII** or **SGMII** to connect to external Gigabit PHYs or Fiber modules (SFP).
#### 2. Power Management
- **Voltage Requirements:** Usually operates on a dual power supply (3.3V for I/O and 1.2V/1.8V for the core).
- **Green Ethernet:** Supports IEEE 802.3az Energy Efficient Ethernet, which reduces power consumption during periods of low data activity.
#### 3. Advanced Switching Logic
- **Store-and-Forward:** Uses this architecture to ensure data integrity by checking for CRC errors before forwarding packets.
- **Flow Control:** Supports IEEE 802.3x full-duplex flow control and back-pressure for half-duplex.
---
### Application Diagram Components
When designing a PCB with the IP1726LF-DS-R01, the following peripheral components are essential:
1. **EEPROM Interface:** Used for storing configuration data (e.g., VLAN settings, port speed limits) to be loaded upon boot.
2. **LED Matrix:** Dedicated pins to drive link/activity/speed status LEDs for all 26 ports.
3. **Crystal Oscillator:** Typically requires a 25MHz reference clock.
4. **Magnetics (Transformers):** External RJ45 isolation transformers are required to interface the PHY pins with the Ethernet cables.
---
### Pinout and Design Considerations
* **Thermal Management:** Because it handles 26 ports of traffic, the 128-pin PQFP package may require a heat sink or a thermal pad on the PCB to dissipate heat during peak loads.
* **RoHS Compliance:** The "LF" in the part number signifies "Lead-Free," making it compliant with modern environmental standards.
- ⤷What are the specific power supply requirements for the IP1726LF core and I/O?
- ⤷ Does the IP1726LF support management features like SNMP or Web-GUI?
- ⤷ Which external Gigabit PHYs are most compatible with the IP1726LF RGMII interface?