AI

The **IP1718LF-DS-R02** is a highly integrated, cost-effective Layer 2 managed switch controller designed by IC Plus Corp. It is commonly used in networking hardware such as industrial switches, PoE switches, and fiber-to-the-Ethernet converters.
---
### ## 1. Key Specifications and Features
The chip is designed to manage high-density port configurations with low power consumption.
| Feature | Specification |
| :--- | :--- |
| **Port Count** | 16-Port 10/100 Mbps Fast Ethernet + 2-Port Gigabit (TP/SFP) |
| **MAC Address Table** | 4K Entries |
| **Packet Buffer** | 1.625 Mbits |
| **VLAN Support** | Port-based and Tag-based (IEEE 802.1Q) |
| **Management Interface** | I2C, SMI (MDC/MDIO), and EEPROM |
| **Package Type** | 128-pin PQFP (Lead-Free/RoHS compliant) |
---
### ## 2. Functional Architecture
The IP1718LF integrates several subsystems to handle data flow and network logic:
1. **Switching Engine:** A high-speed fabric that handles wire-speed forwarding across all ports.
2. **SSRAM Interface:** Built-in memory used for storing packet buffers and the address look-up table.
3. **QoS (Quality of Service):** Supports 4 priority queues per port, allowing for traffic prioritization (e.g., VoIP or Video over background data).
4. **Security Features:** Includes broadcast storm control and MAC address filtering to prevent network loops and unauthorized access.
---
### ## 3. Common Application Circuits
When designing a PCB with the IP1718LF, the following electronic components are typically required:
* **Magnetics (Transformers):** Essential for Ethernet port isolation.
* **Oscillator:** Usually requires a **25 MHz** crystal for the system clock.
* **Power Supply:** Operates on dual voltages, typically **1.8V** (Core) and **3.3V** (I/O).
* **EEPROM:** An external 24C02 or similar chip is often used to store custom configurations (like VLAN IDs or Port settings) that load upon bootup.
---
### ## 4. Pin Configuration Highlights
| Pin Group | Function |
| :--- | :--- |
| **TX/RX +/-** | Differential pairs for the 10/100 Ethernet physical layer. |
| **RSET** | Used to set the internal bias current (requires a precision resistor). |
| **LED Pins** | Drive indicators for Link, Activity, and Speed for each port. |
| **MDC/MDIO** | Serial Management Interface for communicating with an external CPU. |
---
- ⤷What are the power consumption characteristics of the IP1718LF?
- ⤷ Does this chip support IGMP snooping for multicast traffic?
- ⤷ What is the recommended layout strategy for the differential pairs on this IC?