công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IP1001-DS-R02

  • AI
    The **IP1001-DS-R02** (often referred to simply as the IP1001) is a high-performance **Single-Port Gigabit Ethernet Transceiver (PHY)**. It is primarily used to bridge the gap between the Media Access Controller (MAC) and the physical medium (copper cabling). --- ### 1. Key Technical Specifications The device is designed for low power consumption and high integration in networking hardware. | Feature | Specification | | :--- | :--- | | **Data Rates** | 10/100/1000 Mbps (Triple Speed) | | **Interface (MAC Side)** | RGMII (Reduced Gigabit Media Independent Interface) | | **Interface (Line Side)** | IEEE 802.3 compliant 10BASE-T, 100BASE-TX, 1000BASE-T | | **Package** | 64-pin QFN (Quad Flat No-lead) | | **Supply Voltage** | 3.3V / 1.1V (Core) | | **Operating Temp** | 0°C to +70°C (Commercial Grade) | --- ### 2. Core Functional Blocks To understand the electronic parts of this IC, we look at its internal architecture: #### A. The DSP Engine Unlike older analog PHYs, the IP1001 uses **Digital Signal Processing (DSP)** to handle: * **Adaptive Equalization:** Compensates for signal loss over long CAT5 cables. * **Echo & Crosstalk Cancellation:** Essential for full-duplex Gigabit operation over four wire pairs. #### B. Clock Generation (PLL) The IC integrates a Phase-Locked Loop (PLL). It typically requires an external **25MHz Crystal**, which it then multiplies internally to generate the 125MHz required for Gigabit data transmission. #### C. Power Management The "R02" revision is optimized for power. It supports: * **IEEE 802.3az (Energy Efficient Ethernet):** Automatically powers down circuits during low data activity. * **Wake-on-LAN (WoL):** Can trigger a system wake-up signal upon receiving a specific "Magic Packet." --- ### 3. Connection Diagram (Typical Application) In a standard circuit design, the IP1001 sits between the Processor and the RJ45 Jack. ```mermaid graph LR CPU[Processor / SoC] -- RGMII Interface --> IP1001[IP1001 PHY] IP1001 -- Magnetic Isolation --> RJ45[Ethernet Port] ``` #### Necessary External Components: 1. **Magnetics (Isolation Transformer):** Essential for protecting the IC from voltage spikes on the Ethernet cable. 2. **Termination Resistors:** High-precision resistors (usually 49.9Ω or 50Ω) are required for impedance matching on the differential pairs. 3. **Decoupling Capacitors:** Small capacitors (0.1uF) placed near the VDD pins to filter high-frequency noise. --- ### 4. Comparison of Revisions The **-R02** suffix is significant as it denotes a specific hardware stepping or revision. * **R01 vs R02:** Usually involves bug fixes in the RGMII timing or improvements in thermal dissipation. * **Lead-Free:** The "DS" designation typically indicates a Green/RoHS compliant package.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the IP1001-DS-R02 in 1000Mbps mode?
    • ⤷ Does this chip support MII or RMII interfaces
    • ⤷ or is it strictly RGMII?
    • ⤷ What are the common troubleshooting steps if the IP1001 fails to link at Gigabit speeds?