công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IP1000ALF-DS-R06

  • AI
    The **IP1000ALF-DS-R06** is a specific variant of the IP1000A Gigabit Ethernet controller series, originally developed by IC Plus Corp. This integrated circuit (IC) is primarily used in network interface cards (NICs) and embedded systems to provide high-speed networking capabilities. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and functional characteristics of the IP1000A series: | Feature | Specification | | :--- | :--- | | **Interface** | 32-bit PCI V2.2 / V2.3 (33/66MHz) | | **Speed** | 10/100/1000 Mbps (Triple Speed) | | **Physical Layer** | Integrated 10/100/1000 Mbps PHY | | **Package Type** | 128-pin PQFP (Plastic Quad Flat Pack) | | **Power Supply** | 3.3V I/O with 1.8V Core voltage (typical) | | **Compliance** | IEEE 802.3, 802.3u, 802.3ab | --- ### 2. Functional Components The IP1000ALF-DS-R06 integrates several critical electronic blocks into a single chip: #### A. Media Access Controller (MAC) The MAC layer handles the data link layer protocols. It manages CSMA/CD protocols, frame transmission, and reception. It also supports **Flow Control (IEEE 802.3x)** to prevent data loss during heavy traffic. #### B. Physical Layer (PHY) Unlike some controllers that require an external PHY chip, this model integrates the transceiver. It performs: * **Auto-Negotiation:** Automatically selects the highest common speed between two linked devices. * **DSP Architecture:** Uses Digital Signal Processing for high-speed copper transmission over Cat5/Cat5e cables. #### C. PCI Interface It utilizes a standard PCI bus interface for communication with the host CPU. It supports **Bus Mastering**, which allows the controller to transfer data directly to the system memory without heavy CPU intervention, significantly reducing overhead. #### D. Power Management The chip includes support for **Wake-on-LAN (WoL)** and ACPI power management, allowing the system to be powered on remotely via a network packet. --- ### 3. Suffix Breakdown (ALF-DS-R06) Electronic part numbers often contain metadata in their suffixes: * **ALF:** Usually denotes "Lead-Free" (RoHS compliant) and specific packaging materials. * **DS:** Often refers to "Data Sheet" revision or a specific hardware stepping/version. * **R06:** Typically indicates a specific production revision or reel-packaging size for automated assembly. --- ### 4. Application Circuitry When designing with this part, engineers typically include: 1. **Magnetics (Isolation Transformer):** Essential for interfacing the PHY to the RJ45 port. 2. **EEPROM:** A small 93C46 or similar chip to store the unique MAC address and configuration data. 3. **Clock Source:** Usually requires a 25MHz Crystal oscillator.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the IP1000A series?
    • ⤷ Is the IP1000A compatible with modern PCIe slots?
    • ⤷ What are the common alternatives to IC Plus Ethernet controllers?