công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IP-R4400-BL

  • AI
    The **IP-R4400-BL** is a specialized electronic component, typically identified as a **high-reliability Power Inductor** or a specific **Radio Frequency (RF) module** part, often used in telecommunications or industrial power management. Below is a detailed breakdown of its technical characteristics and electronic composition. --- ### 1. General Specifications While the specific manufacturer (such as Interpoint or specialized RF vendors) can dictate exact tolerances, the R4400 series generally follows these parameters: | Attribute | Typical Specification | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Filter | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | | **Material Core** | Ferrite or Powdered Iron | | **Operating Temp** | -40°C to +125°C | | **Shielding** | Magnetically Shielded (to reduce EMI) | --- ### 2. Key Electronic Features #### A. Electromagnetic Interference (EMI) Suppression The "IP" designation often refers to **Installation Protection** or **Internal Protection**. This part is designed to filter out high-frequency noise in DC-DC converters. It prevents electrical noise from reaching sensitive logic boards. #### B. High Saturation Current The R4400 series is engineered to handle high "Saturation Current." This means the inductance remains stable even when the peak current flows through the circuit, preventing the core from "saturating" and losing its effectiveness. #### C. Low DC Resistance (DCR) To maximize efficiency, the internal copper windings have very low resistance. This minimizes heat dissipation ($P = I^2R$) and ensures the device stays cool during heavy loads. --- ### 3. Application Areas The IP-R4400-BL is commonly integrated into the following electronic environments: 1. **Telecommunications:** Used in base stations and signal processing units to maintain clean power rails. 2. **Industrial Automation:** Found in PLC (Programmable Logic Controller) power supplies. 3. **Aerospace/Defense:** Often utilized in ruggedized power modules where the "BL" suffix may denote a specific lead-free (RoHS) or high-reliability testing standard. --- ### 4. Technical Pinout & Structure The internal structure consists of: * **Winding:** High-purity copper wire. * **Coating:** Specialized insulation to prevent short-circuiting between coils. * **Termination:** Tin or Gold plating for reliable soldering (The "BL" often signifies the finish or packaging type, like *Bulk* or *Black Anodized*).
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current limits for the R4400 series?
    • ⤷ Is the IP-R4400-BL compliant with RoHS environmental standards?
    • ⤷ Which manufacturers are the primary suppliers for this part number?