công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • INMP621ACEZ-R0

  • AI
    ## Technical Overview of INMP621ACEZ-R0 The **INMP621ACEZ-R0** is a high-performance, ultra-low noise, low-power digital MEMS (Micro-Electro-Mechanical Systems) microphone. It is specifically designed for mobile devices, tablets, and high-quality audio recording applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Microphone Type** | Digital MEMS (Bottom Port) | | **Output Type** | PDM (Pulse Density Modulation) | | **SNR (Signal-to-Noise Ratio)** | 65 dBA | | **Sensitivity** | -26 dBFS | | **Current Consumption** | 1.2 mA (Normal mode) / 5.5 µA (Sleep mode) | | **Supply Voltage (Vdd)** | 1.62V to 3.63V | | **Package Size** | 4.00mm × 3.00mm × 1.00mm | | **AOP (Acoustic Overload Point)** | 133 dB SPL | --- ### 2. Core Functional Components The internal architecture of the INMP621 consists of several critical electronic stages: 1. **MEMS Sensor Element:** A capacitive transducer that converts acoustic air pressure into electrical signals. It uses a flexible diaphragm and a fixed backplate. 2. **Analog Front-End (AFE):** A low-noise preamplifier that boosts the weak signal from the MEMS element. 3. **Sigma-Delta Modulator:** The heart of the digital interface. It converts the amplified analog signal into a high-frequency **PDM (Pulse Density Modulation)** bitstream. 4. **Digital Interface:** Includes logic for clock synchronization (CLK) and data output (DATA). It allows two microphones to share a single data line by using the L/R select pin. --- ### 3. Pin Configuration and Functions The device typically uses a 5-terminal LGA package. The electronic connectivity is described below: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power | DC power supply (1.8V to 3.3V recommended). | | **GND** | Ground | Common electrical ground. | | **CLK** | Clock Input | Master clock provided by the processor/codec. | | **DATA** | PDM Output | Digital audio output multiplexed with clock edges. | | **L/R SELECT**| Channel Selection | Logic HIGH or LOW to assign Left or Right channel timing. | --- ### 4. Critical Design Considerations * **Acoustic Port Location:** This is a **Bottom Port** microphone. The hole must be aligned with the PCB aperture and the external device casing to ensure sound reaches the sensor. * **Decoupling:** A 0.1 µF ceramic capacitor should be placed as close to the VDD pin as possible to filter power supply noise. * **Clock Frequency:** The PDM interface requires a stable clock usually ranging from 1.0 MHz to 3.3 MHz for standard operation. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using PDM over an analog microphone interface?
    • ⤷ How do I configure two INMP621 microphones for stereo recording on a single wire?
    • ⤷ What is the recommended reflow soldering profile for this MEMS package?