công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IMZ2AG-AL6-R

  • AI
    ## IMZ2AG-AL6-R Electronic Component Overview The **IMZ2AG-AL6-R** is a specialized discrete semiconductor device, specifically a **Dual Zener Diode** configured in a common anode arrangement. It is primarily used for voltage regulation and protection in space-constrained electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Zener Diode | | **Configuration** | Dual Common Anode | | **Package Type** | SOT-26 (or SC-74) | | **Zener Voltage ($V_z$)** | Typ. 6.2V (Commonly used for 5V line protection) | | **Power Dissipation ($P_d$)** | 300 mW | | **Operating Temperature** | -55°C to +150°C | | **Manufacturer (Common)** | UTC (Unisonic Technologies) | --- ### 2. Internal Configuration The "Z2" in the part number typically denotes the internal structure of two Zener diodes. In the **AL6** package (SOT-26), these are arranged as follows: * **Pins 1 & 4:** Cathode of Diode 1 and Diode 2. * **Pins 2 & 5:** Common Anode (Connected to Ground). * **Pins 3 & 6:** Often unused or redundant depending on specific board layout. --- ### 3. Functional Applications The IMZ2AG-AL6-R is designed for circuits requiring stable reference voltages or surge protection. * **Voltage Regulation:** Maintains a fixed output voltage despite variations in input voltage or load current. * **ESD Protection:** Protects sensitive I/O lines from Electrostatic Discharge by clamping high-voltage spikes to a safe level. * **Waveform Clipping:** Used in signal processing to limit the amplitude of an input signal. --- ### 4. Part Number Breakdown (Typical UTC Naming) | Segment | Meaning | | :--- | :--- | | **IMZ2** | Dual Zener Diode Series | | **A** | Version/Characteristic Code | | **G** | Halogen-Free/RoHS Compliant | | **AL6** | Package Code (SOT-26) | | **R** | Tape & Reel Packing | --- ### 5. Circuit Symbol Example ```text (Pin 1) Cathode 1 | (Pin 4) Cathode 2 | | ▼ ▼ (Zener Diodes) --|-- --|-- | | +------+ | (Pin 2/5) Common Anode (GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this diode can handle?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like ROHM or ONsemi?
    • ⤷ How does the 'Common Anode' configuration differ from a 'Common Cathode' in application?