công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IMX2G-AG6-R

  • AI
    The **IMX2G-AG6-R** is a high-performance integrated circuit specifically categorized as a **Dual-Output Synchronous Buck Controller**. It is designed for efficient DC-DC power conversion in industrial and computing environments. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the IMX2G-AG6-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 28V | | **Output Channels** | Dual (Two independent outputs) | | **Switching Frequency** | Adjustable (typically 200kHz to 1MHz) | | **Efficiency** | Up to 95% (depending on external MOSFETs) | | **Package Type** | QFN-28 (typically) | | **Control Method** | Peak Current Mode Control | --- ### 2. Core Functional Components To understand the electronic "parts" within and around this IC, we can break it down into functional blocks: #### A. Internal Control Logic * **PWM Controller:** The heart of the chip that generates Pulse Width Modulation signals to drive external Power MOSFETs. * **Internal LDO:** Provides a stable internal voltage (often 5V) to power the chip's internal circuitry from the high-voltage input. * **Error Amplifier:** Compares the output voltage feedback against an internal reference voltage to maintain stability. #### B. External Support Components (Required) The IMX2G-AG6-R is a *controller*, not a converter, meaning it requires external power components to function: 1. **Power MOSFETs:** Two pairs (High-side and Low-side) for each channel to handle the actual current switching. 2. **Inductors:** Used to store energy during the switching cycle. 3. **Capacitors:** Input (decoupling) and Output (smoothing) capacitors to reduce voltage ripple. 4. **Sense Resistors:** Used for current sensing to provide over-current protection. --- ### 3. Protection Features The IC includes several integrated safety mechanisms to protect the electronic system: * **Over-Voltage Protection (OVP):** Shuts down the system if the output exceeds a safe threshold. * **Thermal Shutdown:** Protects the silicon from damage due to excessive heat. * **Soft-Start:** Gradually increases the output voltage during power-up to prevent large inrush currents. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is high enough for stable performance. --- ### 4. Typical Applications * **Industrial Power Supplies:** Converting 24V rails down to 5V or 3.3V. * **Networking Equipment:** Powering FPGAs, ASICs, and DSPs. * **Distributed Power Systems:** Providing multiple low-voltage rails from a single high-voltage bus.
    ✨ Follow-up Questions
    • ⤷ What are the specific pin configurations for the IMX2G-AG6-R?
    • ⤷ How does current mode control differ from voltage mode control in this IC?
    • ⤷ What are the recommended external MOSFETs for a 10A output application?