AI

The **IMB540** is an industrial-grade ATX motherboard designed by Axiomtek, powered by the Intel® R680E chipset (ADL-R680E). It is engineered for high-performance computing, particularly in AI, machine learning, and industrial automation.
Below is a detailed breakdown of its electronic specifications and components:
### 1. Processor and Chipset Architecture
The board is built on the LGA1700 socket, supporting 12th generation Intel® Core™ (Alder Lake-S) processors.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | LGA1700 (Supports Core i9/i7/i5/i3, Pentium, Celeron) |
| **Chipset** | Intel® R680E (Enterprise/Industrial grade) |
| **TDP Support** | Supports processors up to 125W |
---
### 2. Memory and Storage Interface
The electronic design emphasizes high bandwidth and data redundancy (ECC support).
| Feature | Description |
| :--- | :--- |
| **Memory Slots** | 4 x 288-pin DDR4-3200 DIMM |
| **Max Capacity** | Up to 128GB |
| **ECC Support** | Yes (Available with specific CPU/RAM combinations) |
| **SATA Ports** | 4 x SATA-600 with RAID 0/1/5/10 support |
| **M.2 Storage** | 1 x M.2 Key M (PCIe Gen4 x4) for NVMe SSDs |
---
### 3. Expansion Slots and Signal Routing
The "R680E" variant is notable for its extensive PCIe lane distribution, critical for GPU and FPGA integration.
* **PCIe 5.0 Support:** Includes 2 x PCIe x16 slots (supporting Gen5 signals).
* **Legacy Support:** Includes 1 x PCIe x4 slot and 4 x PCIe x1 slots (Gen3).
* **M.2 Expansion:** 1 x M.2 Key E (for Wi-Fi/BT) and 1 x M.2 Key B (for 3G/4G/5G).
---
### 4. Input/Output (I/O) Connectivity
The rear and internal headers provide industrial-standard communication protocols.
#### Networking and USB
* **LAN:** 1 x 2.5GbE (Intel® I225-LM) and 1 x 1GbE (Intel® I219-LM) with vPro support.
* **USB:** 4 x USB 3.2 Gen2 (Rear), 4 x USB 3.2 Gen1 (Internal), and 5 x USB 2.0.
#### Display and Audio
* **Triple Display:** 1 x HDMI 2.0b, 1 x DisplayPort 1.4a, and 1 x VGA.
* **Audio:** Realtek ALC888S High Definition Audio.
---
### 5. Power and Environmental Specs
Designed for 24/7 operation in harsh environments.
| Parameter | Value |
| :--- | :--- |
| **Power Input** | Standard ATX (24-pin + 8-pin 12V connectors) |
| **Operating Temp** | 0°C to +60°C (+32°F to +140°F) |
| **Hardware Monitoring** | CPU/System temperature, voltage, and fan speed |
| **Watchdog Timer** | 255 levels, 1 to 255 sec. |
---
### Summary of Keys Features
* **Intel® vPro™ Technology:** Hardware-level management and security.
* **TPM 2.0:** Integrated for hardware-based data encryption.
* **Rich Expandability:** Ideal for multi-GPU setups in AI edge servers.
- ⤷
Does the IMB540 support DDR5 memory
- ⤷ or is it limited to DDR4?
- ⤷ Can the PCIe 5.0 slots be bifurcated for multiple expansion cards?
- ⤷ What are the specific power requirements for a 125W TDP processor on this board?