IL393D
AI

## Overview of the IL393D
The **IL393D** is a high-precision, dual independent precision voltage comparator. It is the industrial equivalent of the widely used **LM393** series. It is designed to operate from a single power supply over a wide range of voltages or from split power supplies.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage (Single)** | +2.0V to +36V |
| **Supply Voltage (Dual)** | ±1.0V to ±18V |
| **Drain Current** | 0.4 mA (Independent of supply voltage) |
| **Input Offset Voltage** | ±2.0 mV (Typical) |
| **Output Type** | Open Collector |
| **Package Type** | DIP-8 or SOP-8 |
---
### 2. Internal Components & Architecture
The "D" in IL393D typically refers to the package type (SOIC/SOP), but the internal architecture remains consistent with the 393 family:
1. **Dual Comparators:** It contains two independent operational amplifiers specifically designed to compare two voltages.
2. **Differential Input Stage:** Uses a Darlington PNP transistor input stage, which allows the input common-mode voltage to include ground (0V) even when operating from a single supply.
3. **Open Collector Output:** The output stage uses an NPN transistor with an open collector. This means the device does not "push" voltage out; it only "sinks" current to ground.
* *Requirement:* A **pull-up resistor** is necessary to define the "High" logic level.
---
### 3. Pin Configuration (DIP-8/SOP-8)
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | OUT1 | Output of the first comparator |
| 2 | IN1- | Inverting input of the first comparator |
| 3 | IN1+ | Non-inverting input of the first comparator |
| 4 | GND/V- | Ground or negative power supply |
| 5 | IN2+ | Non-inverting input of the second comparator |
| 6 | IN2- | Inverting input of the second comparator |
| 7 | OUT2 | Output of the second comparator |
| 8 | VCC/V+ | Positive power supply |
---
### 4. Typical Application Circuit
Because the output is an open collector, the IL393D is often used in mixed-voltage systems (e.g., comparing a 12V signal but outputting a 5V signal for a microcontroller).
```python
# Simple Logic Representation
If (Voltage at IN+) > (Voltage at IN-):
Output = High Impedance (Pull-up resistor pulls voltage to Vcc)
Else:
Output = Low (Connected to Ground)
```
---
### 5. Common Uses
* **Limit Comparators:** Checking if a sensor voltage exceeds a safety threshold.
* **Zero-Crossing Detectors:** Identifying when an AC signal passes through 0V.
* **Voltage Level Translators:** Converting signals between different logic levels (TTL, CMOS, RTL).
* **Oscillators:** When used with external resistors and capacitors to create square waves.
- ⤷
Why is an open collector output advantageous in the IL393D?
- ⤷ What is the difference between a voltage comparator like the IL393D and a standard Op-Amp?
- ⤷ How do you calculate the value of the required pull-up resistor for this IC?