IEC-GS-1-XXX-RLS
AI

The part number **IEC-GS-1-XXX-RLS** refers to a high-performance **Optical Encoder Accessory**, specifically a **Magnetic Scale** or **Linear Scale** tape used in industrial motion control systems. These parts are commonly associated with brands like **Renishaw** or similar precision feedback manufacturers.
---
### 1. Part Number Breakdown
The nomenclature can be broken down into specific electronic and physical characteristics:
| Segment | Component | Description |
| :--- | :--- | :--- |
| **IEC** | Series Prefix | Refers to the Industrial Encoder Component series. |
| **GS** | Type | **Gold Scale**: Indicates a gold-plated stainless steel reflective tape. |
| **1** | Pitch/Version | Typically represents a **20 µm (micron)** scale pitch. |
| **XXX** | Length | A numerical value representing the length of the scale in centimeters or millimeters. |
| **RLS** | Brand/Format | Refers to **RLS** (a Renishaw associate company) or "Resilient Linear Scale." |
---
### 2. Key Technical Specifications
These components are critical for providing positional feedback to a servo motor or CNC controller.
* **Material:** Stainless steel substrate with a gold-plated finish to ensure high reflectivity and corrosion resistance.
* **Accuracy Class:** Usually ±3 µm/m to ±5 µm/m.
* **Coefficient of Thermal Expansion:** Matched to the mounting substrate (approx. 10.1 µm/m/°C) to maintain precision during temperature fluctuations.
* **Adhesive:** Usually backed with high-bond double-sided tape (e.g., 3M VHB) for direct application to a machine axis.
---
### 3. Electronic Functionality
The **GS** (Gold Scale) acts as the passive element in an optical incremental encoder system.
1. **Reflection Principle:** An infrared or visible light LED from a readhead shines onto the scale.
2. **Phase Grating:** The "lines" etched into the gold surface diffuse or reflect light back to the sensors in the readhead.
3. **Signal Generation:** The readhead converts these reflections into **Sine/Cosine signals** (1 Vpp) or **Digital TTL signals** (A-quad-B).
4. **Reference Mark:** Some versions include a "Selector" or "Reference" track that allows the electronic system to find a "Home" position.
---
### 4. Applications
* **CNC Machining:** For high-precision X, Y, or Z-axis positioning.
* **Semiconductor Manufacturing:** Wafer handling and inspection stages.
* **Medical Robotics:** Accurate movement in surgical or diagnostic equipment.
* **Linear Motors:** Providing the feedback loop necessary for high-speed linear motion.
---
- ⤷
What is the compatible readhead model for the GS series scale?
- ⤷ How do you calculate the exact length needed for an XXX value?
- ⤷ What are the installation requirements for the self-adhesive backing?