IDT7143LA55JI
AI

The **IDT7143LA55JI** is a high-speed CMOS Dual-Port Static RAM (SRAM) produced by Integrated Device Technology (now part of Renesas Electronics). It is specifically designed for applications requiring independent access to a common pool of memory from two separate systems.
---
### ## Technical Overview
The device is a **32K (2K x 16-bit)** Dual-Port RAM. The "Dual-Port" nature allows two independent ports (Left and Right) to read or write data to any location in the memory simultaneously, provided they are not writing to the same address at the same time.
### ### Part Number Breakdown
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **IDT** | Manufacturer | Integrated Device Technology (Renesas) |
| **7143** | Model Number | 2K x 16 Dual-Port Static RAM |
| **LA** | Power Grade | Low Power version |
| **55** | Speed | 55ns (nanoseconds) Access Time |
| **J** | Package Type | PLCC (Plastic Leaded Chip Carrier) |
| **I** | Temp Range | Industrial (-40°C to +85°C) |
---
### ## Key Features & Components
1. **Architecture**: It utilizes a 2K x 16-bit configuration, making it ideal for 16-bit microprocessor systems.
2. **Independent Controls**: Each port has its own independent Control, Address, and I/O pins (CE, OE, R/W).
3. **Arbitration Logic**: It includes on-chip hardware for "Busy" logic and "Interrupt" logic to manage contention when both ports attempt to access the same memory location.
4. **Low Power**: The "LA" designation indicates it has a lower standby power consumption compared to the standard version.
5. **Pin Count**: Usually found in a 68-pin PLCC package.
---
### ## Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 32 Kbit (2,048 words x 16 bits) |
| **Access Time** | 55 ns |
| **Supply Voltage (Vcc)** | 5.0V ± 10% |
| **Operating Current** | ~190mA (Active), ~5mA (Standby) |
| **Interface** | Parallel |
| **Mounting Type** | Surface Mount |
---
### ## Typical Applications
* **Multiprocessor Systems**: Bridging communication between two CPUs.
* **Digital Signal Processing (DSP)**: Buffering data between a controller and a DSP.
* **Communication Buffers**: Used in network switches or high-speed data acquisition systems where data must be ingested and processed concurrently.
- ⤷
What is the difference between the 'LA' and 'SA' power versions for this chip?
- ⤷ How does the 'Busy' logic prevent data corruption in Dual-Port RAM?
- ⤷ Are there modern pin-compatible replacements for the IDT7143?