công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IDT7143LA55GI

  • AI
    ## IDT7143LA55GI: Technical Specifications and Overview The **IDT7143LA55GI** is a high-performance **2K x 16 Dual-Port Static RAM (SRAM)** manufactured by Renesas (formerly Integrated Device Technology - IDT). Dual-port RAMs are specialized memory components that allow two separate systems (or processors) to access the same memory space simultaneously. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Density** | 32 Kbit (2K x 16 bits) | | **Access Time** | 55 ns | | **Interface** | Parallel (Dual-Port) | | **Voltage Supply** | 4.5V to 5.5V (Standard 5V) | | **Package Type** | 68-pin PGA or PLCC (G denotes Ceramic PGA) | | **Operating Temp** | Industrial (-40°C to +85°C) | | **Power Consumption** | Low Power (LA Series) | --- ### 2. Functional Architecture The IDT7143 is designed to provide independent access to common memory. This is achieved through: * **Dual Sets of Controls:** It features two independent ports (Left and Right) with their own address, data, and control pins (R/W, OE, CS). * **Arbitration Logic:** It includes **Busy Logic** to handle scenarios where both ports attempt to write to the same memory location at the same time, preventing data corruption. * **Interrupt Flags:** It provides a "mailbox" interrupt signaling system, allowing one processor to notify the other that data is ready. ### 3. Pinout Categories | Pin Group | Description | | :--- | :--- | | **A0 - A10** | Address inputs for selecting one of the 2,048 words. | | **I/O0 - I/O15** | Bi-directional data lines for 16-bit word transfer. | | **CE (Chip Enable)** | Activates the specific port for operation. | | **R/W (Read/Write)** | Determines the direction of data flow. | | **BUSY** | Output signal indicating the other port is currently accessing that address. | | **INT (Interrupt)** | Hardware signal used for inter-processor communication. | --- ### 4. Common Applications Due to its ability to bridge two asynchronous systems, this part is commonly used in: * **Multiprocessor Systems:** Shared memory between a DSP and a Microcontroller. * **Communications Buffering:** Acting as a high-speed buffer between a network interface and a CPU. * **Industrial Control:** Synchronizing data between real-time sensors and processing units. --- ### 5. Part Number Decoder (IDT7143LA55GI) * **IDT7143:** Base Model (2K x 16 Dual-Port RAM) * **LA:** Low Power version * **55:** 55 Nanosecond access time * **G:** Ceramic Pin Grid Array (PGA) package * **I:** Industrial Temperature range
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'SA' versions of this chip?
    • ⤷ How does the 'BUSY' logic prevent data collisions in this SRAM?
    • ⤷ Is there a modern 3.3V equivalent for the IDT7143?