IDT7143LA55FI
AI

The **IDT7143LA55FI** is a high-speed Dual-Port Static RAM (SRAM) integrated circuit designed to allow two independent systems to access a common memory space simultaneously.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
The IDT7143 series is specifically engineered for high-performance applications where multiple processors or buses need to share data without wait states.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | IDT7143LA55FI |
| **Memory Density** | 32K (2K x 16-bit) |
| **Access Time** | 55 ns (Nanoseconds) |
| **Operating Voltage** | 5.0V ± 10% |
| **Package Type** | 68-pin PQFP (Plastic Quad Flatpack) |
| **Temperature Grade** | Industrial (-40°C to +85°C) |
| **Power Consumption** | Low Power ("LA" Version) |
---
### 2. Key Internal Components & Architecture
The architecture of this chip is centered around "Dual-Port" functionality, meaning it has two identical sets of address, data, and control lines (Left Port and Right Port).
#### A. Dual-Port SRAM Core
The core consists of 32,768 bits organized as 2,048 words of 16 bits each. Unlike standard SRAM, the memory cells are designed with multiple access transistors to permit concurrent reads/writes from both ports.
#### B. Arbitration & Control Logic
To prevent data corruption during simultaneous access to the same memory location, the chip includes:
- **Busy Logic:** Provides a `BUSY` signal to the processor if both ports attempt to write to the same address.
- **Interrupt Logic (`INT`):** Allows one port to send a signal to the other, facilitating "mailbox" style communication.
#### C. Input/Output (I/O) Buffers
The 16-bit wide data path uses high-speed TTL-compatible buffers. The "LA" designation indicates that these buffers are optimized for lower power consumption during standby modes.
---
### 3. Pin Functionality
The 68 pins are divided primarily between the two ports.
| Pin Group | Description |
| :--- | :--- |
| **A0L - A10L / A0R - A10R** | Address inputs for Left and Right ports. |
| **I/O0L - I/O15L / I/O0R - I/O15R** | Data Input/Output for Left and Right ports. |
| **CE / OE / R/W** | Chip Enable, Output Enable, and Read/Write control signals. |
| **SEM** | Semaphore Flag – Used for software-level resource management. |
| **VCC / GND** | Power supply (5V) and Ground. |
---
### 4. Application Use Cases
This specific part is typically found in:
1. **Multiprocessor Systems:** Bridging communication between two CPUs.
2. **Digital Signal Processing (DSP):** Buffering data between an ADC and a processor.
3. **Network Equipment:** Handling packet data between a network controller and a host CPU.
4. **Industrial Automation:** Where robust performance in wide temperature ranges (Industrial Grade) is required.
---
- ⤷
What is the difference between the 'LA' and 'SA' versions of this IC?
- ⤷ How does the 'Busy' logic resolve write conflicts between the two ports?
- ⤷ Are there modern CMOS alternatives with lower power consumption for this 5V part?