công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IDT7142LA55FB

  • AI
    ### IDT7142LA55FB Overview The **IDT7142LA55FB** is a high-speed, low-power **2K x 8 Dual-Port Static RAM (SRAM)** manufactured by Integrated Device Technology (now part of Renesas Electronics). It is designed to allow simultaneous access to a common memory array from two independent ports. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Density** | 16 Kbit (2,048 words x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Supply Voltage (Vcc)** | 5.0V ±10% | | **Package Type** | FP (Flatpack) | | **Grade** | Military/High Reliability (indicated by "B" suffix) | | **Architecture** | Dual-Port Static RAM | | **Power Consumption** | Low Power (LA Series) | --- ### Key Internal Components & Features 1. **Dual-Port Memory Array**: The core consists of 16,384 memory cells. The unique hardware logic allows two different buses (Left Port and Right Port) to read or write to any location in the memory independently. 2. **Arbitration Logic (BUSY Flag)**: To prevent data corruption when both ports attempt to write to the same address simultaneously, the chip includes hardware arbitration. It provides a `BUSY` signal to indicate that one port must wait. 3. **Interrupt Logic (INT Flag)**: It features a mailbox signaling system. One port can write to a specific location to trigger an interrupt on the opposite port, facilitating communication between two processors. 4. **Control Pins**: * **Address Pins (A0-A10)**: Define the memory location. * **Data I/O (DQ0-DQ7)**: Bi-directional data lines. * **Chip Enable (CE)**: Activates the port. * **Read/Write (R/W)**: Controls the direction of data flow. * **Output Enable (OE)**: Manages the output drivers. --- ### Pin Configuration Summary | Pin Group | Function | | :--- | :--- | | **$A_{0L} - A_{10L}$** | Left Port Address Inputs | | **$I/O_{0L} - I/O_{7L}$** | Left Port Data Input/Output | | **$\overline{BUSY}_L$** | Left Port Busy Flag (Output) | | **$\overline{INT}_L$** | Left Port Interrupt Flag (Output) | | **$V_{CC} / GND$** | Power (+5V) and Ground | --- ### Typical Applications * **Multi-Processor Systems**: Serving as a "bridge" or shared mailbox between two microprocessors. * **Digital Signal Processing (DSP)**: Buffering data between a high-speed controller and a peripheral. * **Military & Aerospace**: Due to the "B" (MIL-STD-883) processing, it is often found in flight controllers and ruggedized communication equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the IDT7142 and IDT7132 models?
    • ⤷ How does the hardware arbitration 'BUSY' signal prevent data contention?
    • ⤷ Are there modern CMOS replacements for this specific military-grade SRAM?