IDT7140LA55P
AI

## IDT7140LA55P: Electronic Specifications and Details
The **IDT7140LA55P** is a high-speed, low-power **Dual-Port Static RAM (SRAM)**. It is designed to allow two independent processors or buses to access the same memory space simultaneously without interference, making it ideal for communication between CPUs or as a buffer.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the IDT7140LA55P:
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | Dual-Port Static RAM (SRAM) |
| **Capacity** | 8 Kbit (1K x 8-bit) |
| **Access Time** | 55 ns (Nanoseconds) |
| **Interface** | Parallel |
| **Voltage Supply** | 4.5V to 5.5V (Standard 5V) |
| **Operating Current** | 160 mA (Active), 5 mA (Standby) |
| **Package Type** | PDIP-48 (Plastic Dual In-line Package) |
| **Temperature Range** | 0°C to +70°C (Commercial) |
---
### 2. Part Number Breakdown
The part number follows a specific nomenclature used by Integrated Device Technology (now part of Renesas):
* **IDT7140**: The base model number for a 1K x 8 Dual-Port RAM.
* **LA**: Low Power version.
* **55**: Access time of 55 nanoseconds.
* **P**: Plastic Dual In-line Package (PDIP).
---
### 3. Functional Features
The "Dual-Port" nature of this chip introduces specific electronic logic for managing data:
1. **Independent Control**: It features two completely independent ports (Left and Right) with their own control, address, and I/O pins.
2. **Arbitration Logic**: It includes "Busy" logic signals to handle situations where both ports attempt to write to the same memory location at the exact same time.
3. **Interrupt Flags**: It provides a semaphore/mailbox system via interrupt flags to allow one side of the memory to signal the other side that data is ready.
4. **No Clock Required**: As an asynchronous SRAM, it does not require a system clock to operate; timing is controlled by the Address and Chip Enable signals.
---
### 4. Typical Application Circuit
In a digital system, the IDT7140LA55P acts as a bridge. Below is a conceptual representation of how it is connected:
```text
[ Processor A ] <-----> [ Port L (IDT7140) Port R ] <-----> [ Processor B ]
| | | |
(Address A) --------> [Addr L] [Addr R] <-------- (Address B)
(Data A) <----------> [Data L] [Data R] <----------> (Data B)
(Control A) --------> [Ctrl L] [Ctrl R] <-------- (Control B)
```
---
### 5. Hardware Pins Overview
The PDIP-48 package includes the following pin groups:
* **A0L - A9L / A0R - A9R**: Address inputs for Left and Right ports.
* **I/O0L - I/O7L / I/O0R - I/O7R**: Data Input/Output lines.
* **CE (Chip Enable)**: Activates the specific port.
* **OE (Output Enable)**: Controls the data buffers for reading.
* **R/W (Read/Write)**: Determines the direction of data flow.
* **BUSY**: Output signal to indicate a port access conflict.
- ⤷
What is the difference between the 7130 and 7140 series dual-port RAMs?
- ⤷ How does the 'Busy' logic prevent data corruption in this chip?
- ⤷ Are there modern SMD equivalents for the IDT7140LA55P?