IDT7140LA55JB
AI

## IDT7140LA55JB: Technical Overview
The **IDT7140LA55JB** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** chip originally manufactured by Integrated Device Technology (now part of Renesas Electronics). It is designed to allow two independent systems to access the same memory space simultaneously without interference.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Memory Density** | 8 Kbit (1K x 8 bits) |
| **Access Time** | 55 ns (Nanoseconds) |
| **Interface** | Asynchronous Dual-Port |
| **Voltage Supply** | 5V ± 10% |
| **Package Type** | PLCC-52 (Plastic Leaded Chip Carrier) |
| **Temperature Grade** | Commercial (0°C to +70°C) |
| **Power Consumption** | Low Power (LA Series) |
---
### 2. Functional Description
The "Dual-Port" nature of this chip is its defining feature. It contains two sets of independent control, address, and I/O pins (Left Port and Right Port).
* **Simultaneous Access:** Both ports can read or write to any location in the memory at the same time.
* **Arbitration Logic:** To prevent data corruption during simultaneous writes to the same memory location, the chip includes **on-chip hardware arbitration**.
* **Interrupt Flags:** It features "Mailbox" interrupt flags ($\overline{INT}_L$, $\overline{INT}_R$) that allow the two processors to communicate or signal tasks to one another.
* **Busy Logic:** The $\overline{BUSY}$ signals indicate if one port is trying to access a memory location currently being used by the other port.
---
### 3. Pinout and Internal Logic
The PLCC-52 package houses several critical signal groups:
1. **Address Lines ($A_{0L-9L}$ / $A_{0R-9R}$):** Independent addressing for both ports.
2. **Data Lines ($I/O_{0L-7L}$ / $I/O_{0R-7R}$):** 8-bit wide bidirectional data paths.
3. **Control Signals:**
* $\overline{CE}$: Chip Enable.
* $\overline{OE}$: Output Enable (controls data flow during reads).
* $R/\overline{W}$: Read/Write control.
* $\overline{SEM}$: Semaphore Enable (for software-level resource locking).
---
### 4. Typical Applications
Because this chip acts as a "bridge" between two processing units, it is commonly found in:
* **Multiprocessor Systems:** Shared memory between a CPU and a DSP.
* **Communications Buffering:** Bridging data between different bus architectures.
* **Industrial Controllers:** Where a real-time processor and a monitoring processor need shared data access.
- ⤷
How does the 'Busy' logic handle simultaneous write conflicts in this chip?
- ⤷ What are the main differences between the 'LA' (Low Power) and 'S' (Standard) versions of the IDT7140?
- ⤷ Can you explain the function of the Semaphore (SEM) pins in Dual-Port RAM?