AI

The **IDT7134LA55L48B** is a high-performance, high-speed CMOS Dual-Port Static RAM (SRAM) manufactured by Integrated Device Technology (now part of Renesas Electronics). It is designed to allow two independent systems to access the same memory location simultaneously.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Capacity** | 32K (4K x 8 bits) |
| **Access Time** | 55 ns |
| **Power Consumption** | Low Power (LA Version) |
| **Package Type** | 48-pin LCC (Leadless Chip Carrier) |
| **Technology** | High-speed CMOS |
| **Operating Voltage** | 5V ± 10% |
---
### 2. Functional Description
The device provides two independent ports (Left and Right) with separate controls, addresses, and I/O pins. This architecture permits independent, asynchronous access for reads or writes to any location in memory.
#### Core Components:
* **Dual-Port SRAM Cell:** The heart of the chip, designed to handle simultaneous access.
* **Control Logic:** Includes Chip Enable ($\overline{CE}$), Output Enable ($\overline{OE}$), and Write Enable ($\overline{WE}$) for both ports.
* **Interrupt Logic:** Provides a signaling mechanism between the two ports, useful for inter-processor communication.
* **Busy Logic:** Prevents data corruption during simultaneous writes to the same memory location (Arbitration).
---
### 3. Pinout & Connectivity
The "L48B" suffix refers to the 48-pin Ceramic Leadless Chip Carrier (LCC) package, which is often used in military or high-reliability applications.
```markdown
Main Pin Groups:
- A0L - A11L / A0R - A11R: Address lines for Left and Right ports.
- I/O0L - I/O7L / I/O0R - I/O7R: Data input/output lines.
- CEL, OEL, WEL / CER, OER, WER: Control signals for each port.
- INTL / INTR: Interrupt flags.
- BUSYL / BUSYR: Busy flags for contention notification.
```
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **IDT7134** | Base Part Number (4K x 8 Dual-Port RAM) |
| **LA** | Low Power version |
| **55** | 55ns Speed (Access Time) |
| **L48** | 48-pin LCC Package |
| **B** | Military Grade / Compliant to MIL-STD-883 |
---
### 5. Common Applications
* **Multi-Processor Systems:** Acting as a mailbox or shared buffer between two CPUs.
* **Digital Signal Processing (DSP):** Buffering data between a controller and a DSP.
* **Communications Hardware:** Managing data flow between a network interface and a host processor.
* **Military/Aerospace:** Due to the "B" grade certification and LCC packaging.
---
- ⤷
How does the 'Busy' logic handle simultaneous write attempts to the same address?
- ⤷ What is the difference between the 'L' and 'LA' power versions of this chip?
- ⤷ Are there modern pin-compatible replacements for this legacy part?