IDT7134LA55J
AI

## IDT7134LA55J: Technical Overview
The **IDT7134LA55J** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** manufactured by Integrated Device Technology (now part of Renesas Electronics). It is designed to allow two independent systems to access the same memory space simultaneously.
---
### 1. Key Specifications
The nomenclature of the part number reveals its primary performance characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Memory Capacity** | 32K (4K x 8-bit) |
| **Technology** | CMOS |
| **Speed (Access Time)** | 55 ns |
| **Power Consumption** | Low Power (LA series) |
| **Package Type** | PLCC (Plastic Leaded Chip Carrier) |
| **Operating Voltage** | 5V ± 10% |
---
### 2. Functional Features
The "Dual-Port" nature is the most critical aspect of this component. Here is how it functions:
* **Independent Access:** The chip provides two completely independent ports (Left and Right) that include their own control, address, and I/O pins.
* **Arbitration & Semaphores:** To prevent data corruption during simultaneous writes to the same memory location, the IDT7134 uses **Semaphore flags**. These are hardware tokens used to coordinate shared resources.
* **Asynchronous Operation:** The two ports can operate at different speeds and are not required to be synchronized to a single clock.
---
### 3. Pinout and Interface
The **J** suffix indicates a **52-pin PLCC** package. The pins are generally categorized into these functional groups:
| Group | Function |
| :--- | :--- |
| **Address (A0L-A11L / A0R-A11R)** | Address inputs for Left and Right ports. |
| **Data (I/O 0L-7L / I/O 0R-7R)** | 8-bit bidirectional data lines for each port. |
| **Control (CE, OE, R/W)** | Chip Enable, Output Enable, and Read/Write controls. |
| **Semaphores (SEM)** | Controls access to the semaphore registers. |
---
### 4. Common Applications
Because it allows two processors to communicate through a shared memory "buffer," it is commonly found in:
* **Multi-processor systems:** Bridging communication between a DSP and a CPU.
* **Communication Buffers:** Handling data between two different bus architectures.
* **Industrial Controllers:** Managing real-time data shared between a main controller and a peripheral interface.
---
- ⤷
What is the difference between the 7134 and the 7130 series dual-port RAM?
- ⤷ How do the semaphore flags prevent data collisions in this chip?
- ⤷ Are there modern pin-compatible replacements for this legacy SRAM?