IDT7132LA55P
AI

The **IDT7132LA55P** is a high-speed CMOS Static RAM (SRAM) integrated circuit designed for dual-port applications. It allows two separate systems or processors to access the same memory space simultaneously.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Renesas (formerly Integrated Device Technology - IDT) |
| **Memory Type** | Dual-Port Static RAM (SRAM) |
| **Density** | 16 Kilobits (2K x 8 bits) |
| **Access Time** | 55 ns (Nanoseconds) |
| **Supply Voltage (Vcc)** | 5.0V ± 10% |
| **Power Consumption** | Low Power (LA variant) |
| **Package Type** | PDIP-48 (Plastic Dual In-line Package) |
| **Operating Temp** | 0°C to +70°C (Commercial) |
---
## 2. Pin Configuration & Functionality
Since this is a **Dual-Port RAM**, the chip features two identical sets of control, address, and I/O pins (Left Port and Right Port).
### Key Pin Groups:
* **Address Inputs ($A_0 - A_{10}$):** Used to select one of the 2,048 memory locations.
* **Data I/O ($DQ_0 - DQ_7$):** Bidirectional lines for reading and writing 8-bit data.
* **Control Pins:**
* **$\overline{CE}$ (Chip Enable):** Activates the specific port.
* **$\overline{OE}$ (Output Enable):** Manages the data output buffers.
* **$R/\overline{W}$ (Read/Write):** Determines whether data is being sent to or retrieved from memory.
* **$\overline{BUSY}$ Flags:** Critical for synchronization; these pins signal when both ports attempt to access the same memory location simultaneously.
---
## 3. Core Features
### Dual-Port Architecture
The IDT7132 acts as a "bridge" between two independent buses. This is ideal for shared-memory communication between a Master CPU and a Slave Coprocessor/DSP.
### Master/Slave Configuration
The IDT7132 is often paired with the **IDT7142**.
* **IDT7132 (Master):** Provides the hardware arbitration logic.
* **IDT7142 (Slave):** Used to expand the data bus width (e.g., to 16-bit) by following the arbitration signals of the Master.
### Power Management
The "LA" designation indicates a **Low Power** version. It features a standby mode that significantly reduces power consumption when the Chip Enable ($\overline{CE}$) is high.
---
## 4. Typical Applications
* **Multiprocessor Systems:** Sharing data between two microprocessors.
* **Communications Buffering:** Serving as a high-speed buffer between a network interface and a CPU.
* **DSP Interface:** Handling data transfers between a digital signal processor and a general-purpose controller.
- ⤷
How does the hardware arbitration logic handle simultaneous writes to the same address?
- ⤷ What is the difference between the IDT7132 and the IDT7142?
- ⤷ Are there modern SMD equivalents for this PDIP-48 package?