công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IDT7132LA55CB

  • AI
    ## Overview of the IDT7132LA55CB The **IDT7132LA55CB** is a high-speed, low-power **2K x 8 Dual-Port Static RAM (SRAM)**. It is designed to allow two independent processors or controllers to access a common memory space simultaneously without conflict, making it ideal for inter-processor communication. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of this specific variant: | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 16 Kbit (2K x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Package Type** | Sidebraze DIP (Ceramic) | | **Pin Count** | 48-pin | | **Voltage Supply** | 5.0V ± 10% | | **Operating Current** | Low Power (LA series) | | **Temperature Grade** | Commercial/Military (depending on suffix) | --- ### 2. Key Internal Components & Architecture The device utilizes a unique architecture to manage data flow between its two ports (Left and Right): * **Dual-Port Cell:** Unlike standard SRAM, each memory bit can be accessed by two sets of address and data lines. * **Arbitration Logic:** It contains "Semaphore" flags and "Busy" logic to prevent data corruption if both ports attempt to write to the same memory location at the same exact time. * **Control Pins:** * **$\overline{CE}$ (Chip Enable):** Activates the specific port. * **$\overline{OE}$ (Output Enable):** Controls the data output buffers. * **R/$\overline{W}$:** Determines Read or Write operations. * **$\overline{BUSY}$:** An output signal that indicates a port is waiting for access. --- ### 3. Part Number Decoder Understanding the "IDT7132LA55CB" string provides specific details about the component's grade: | Segment | Meaning | | :--- | :--- | | **IDT7132** | Base Part Number (2K x 8 Dual-Port RAM) | | **LA** | Low Power version | | **55** | 55ns Access Speed | | **C** | Sidebraze Ceramic DIP package | | **B** | Military Grade (Standardized Military Drawing) | --- ### 4. Common Applications Due to its dual-access capability and ceramic packaging, this part is often found in: 1. **Digital Signal Processing (DSP):** Passing data between a CPU and a DSP. 2. **Shared Memory Systems:** Communication between two microcontrollers. 3. **Aerospace & Defense:** The "CB" designation implies a ceramic package suitable for high-reliability or military-grade environments. 4. **Network Hardware:** Handling packet buffers between different interface controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 7132 and 7142 models?
    • ⤷ How does the 'Busy' logic handle simultaneous writes in this chip?
    • ⤷ Are there modern CMOS replacements for this legacy IDT chip?