công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IDT7132LA55C

  • AI
    ## IDT7132LA55C: Electronic Specifications and Overview The **IDT7132LA55C** is a high-speed, low-power **2K x 8 Dual-Port Static RAM (SRAM)**. It is designed to be used in systems where two independent processors or buses need to access the same memory space simultaneously without conflict. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Type** | SRAM (Static Random Access Memory) | | **Memory Size** | 16 Kbit (2K x 8 bits) | | **Speed (Access Time)** | 55 ns | | **Voltage Supply** | 5.0V ± 10% | | **Configuration** | Dual-Port (Two independent ports) | | **Current (Active)** | Low Power ("LA" version) | | **Package Type** | Sidebraze DIP (indicated by the "C" suffix) | --- ### 2. Functional Description The core functionality of the IDT7132 revolves around its **Dual-Port architecture**. This allows the device to function as a bridge between two asynchronous systems. * **Independent Control:** It features two completely independent sets of controls, addresses, and I/O pins (Left Port and Right Port). * **Arbitration:** To prevent data corruption when both sides try to write to the same address simultaneously, the chip includes **On-chip Hardware Arbitration Logic**. * **BUSY Logic:** The device uses a `BUSY` signal to notify a processor if the other port is currently accessing the requested memory location. --- ### 3. Pin Functionality Summary | Pin Name | Description | | :--- | :--- | | **A0 - A10** | Address Inputs (11 lines for 2K locations) | | **I/O0 - I/O7** | Data Input/Output (8-bit wide) | | **CE (Chip Enable)** | Activates the specific port | | **OE (Output Enable)** | Controls the output drivers | | **R/W (Read/Write)** | Determines if data is being read from or written to the RAM | | **BUSY** | Output signal indicating the port is locked by the other side | --- ### 4. Part Number Breakdown Understanding the nomenclature helps identify the specific variant: * **IDT7132**: Base part number (2K x 8 Dual-Port RAM). * **LA**: Low Power designation (standard versions are just "SA"). * **55**: Access time in nanoseconds (55ns). * **C**: 48-pin Sidebraze Ceramic DIP package (Military/High-reliability grade). --- ### 5. Common Applications * **Inter-processor Communication:** Buffering data between a Main CPU and a Co-processor. * **Dual-bus Systems:** Connecting a local bus to a system bus (e.g., VME or Multibus). * **DSP Systems:** Providing shared memory for high-speed digital signal processing. * **Video Buffers:** Handling data between a graphics controller and a CPU.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'SA' versions of this chip?
    • ⤷ How does the BUSY signal arbitration work internally?
    • ⤷ Are there modern CMOS equivalents for the IDT7132 in smaller packages?