công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IDT7130LA55PFGI

  • AI
    The **IDT7130LA55PFGI** is a high-speed, low-power **Dual-Port Static RAM (SRAM)**. It is designed to allow two independent processors or buses to access a common memory space simultaneously without conflict, making it a critical component in multiprocessing systems. --- ## 1. Technical Specifications Below are the primary electrical and functional specifications for this specific part number: | Parameter | Specification | | :--- | :--- | | **Memory Density** | 8 Kbit (1K x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Supply Voltage (Vcc)** | 4.5V to 5.5V (5V Nominal) | | **Interface** | Parallel (Asynchronous) | | **Package Type** | TQFP-64 (Thin Quad Flat Pack) | | **Operating Temp** | Industrial (-40°C to +85°C) | | **Power Consumption** | Low Power (LA series) | --- ## 2. Functional Key Features ### Dual-Port Architecture The device features two completely independent ports (Left and Right) with their own control, address, and I/O pins. This permits: * **Simultaneous Reads:** Both ports can read the same memory location at the same time. * **Arbitrated Writes:** Built-in hardware logic handles "collisions" if both ports try to write to the same location at once. ### Hardware Interrupts The IDT7130 includes **Interrupt (INT)** flags. This allows one processor to leave a "message" for another. When a specific memory location is written to by one side, an interrupt signal is sent to the other side to notify it that data is ready. ### Busy Logic To prevent data corruption, the chip uses a **BUSY** signal. If both ports attempt to access the same address simultaneously, the arbitration logic will pull the BUSY pin low on one of the ports, forcing that processor to wait until the first operation completes. --- ## 3. Part Number Decoder Understanding the suffix helps in identifying the exact variant: * **IDT7130**: Base Part Number (1K x 8 Dual-Port RAM). * **LA**: Low Power consumption version. * **55**: 55ns speed grade (Access time). * **PFG**: Plastic Quad Flatpack (Green/RoHS compliant). * **I**: Industrial temperature grade. --- ## 4. Typical Applications This component is frequently found in: 1. **Telecommunications**: Managing data buffers between a line card and a control processor. 2. **Industrial Automation**: Interfacing a high-speed DSP with a general-purpose microcontroller. 3. **Video Processing**: Used as a frame buffer for dual-access graphic processing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 7130 and 7132 series dual-port RAM?
    • ⤷ How does the 'Busy' logic handle simultaneous write conflicts?
    • ⤷ Are there faster speed grades available for this specific package?