công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IDT7130LA55PB

  • AI
    ## Overview of IDT7130LA55PB The **IDT7130LA55PB** is a high-speed **1K x 8 Dual-Port Static RAM (SRAM)** manufactured by Renesas (formerly Integrated Device Technology - IDT). This specific component is designed for applications where two independent systems need to access the same memory space simultaneously. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 8 Kbit (1,024 words x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Package Type** | PB (Plastic DIP - Dual Inline Package) | | **Power Rating** | LA (Low Power version) | | **Supply Voltage** | 5.0V ± 10% | | **Operating Current** | 180 mA (Active), 5 mA (Standby) | --- ### Key Electronic Features #### 1. Dual-Port Architecture Unlike standard SRAM, the IDT7130 features two completely independent ports (Left and Right). This allows two separate processors or buses to read or write to any location in the memory at the same time without waiting for the other port to finish. #### 2. Arbitration and Control To prevent data corruption during simultaneous writes to the same address, the chip includes: * **BUSY Logic:** A signal that indicates if the other port is currently accessing the requested memory location. * **Interrupt Function (INT):** Allows one port to send a signal to the other, facilitating communication between processors. #### 3. Low Power CMOS Technology The "LA" designation indicates a low-power CMOS fabrication process. This provides high-speed performance while keeping power consumption low during idle periods. #### 4. Asynchronous Operation The device does not require a clock signal. Access is controlled by simple Chip Enable ($\overline{CE}$), Write Enable ($\overline{WE}$), and Output Enable ($\overline{OE}$) pins. --- ### Pin Configuration Summary | Pin Group | Function | | :--- | :--- | | **A0 - A9 (L/R)** | Address inputs for Left and Right ports. | | **I/O0 - I/O7 (L/R)** | Data Input/Output lines for both ports. | | **$\overline{CE}$ (L/R)** | Chip Enable - activates the specific port. | | **$\overline{BUSY}$ (L/R)** | Output signal for hardware arbitration. | | **$\overline{INT}$ (L/R)** | Interrupt signal for inter-processor messaging. | --- ### Typical Applications * **Multi-Processor Systems:** Sharing data between a DSP and a Microcontroller. * **Communications Buffering:** Acting as a high-speed buffer between two different communication buses. * **Video Memory:** Real-time data processing where one port handles incoming data and the other handles display output. ---
    ✨ Follow-up Questions
    • ⤷ How does the BUSY logic resolve conflicts when both ports write to the same address simultaneously?
    • ⤷ What are the physical dimensions and pin count of the PB (Plastic DIP) package?
    • ⤷ Is there a faster version of this chip available for high-speed cache applications?