IDT7130LA55JB
AI

## Overview of IDT7130LA55JB
The **IDT7130LA55JB** is a high-speed **1K x 8 Dual-Port Static RAM (SRAM)** manufactured by Integrated Device Technology (now part of Renesas Electronics). Dual-port RAM is a specialized type of memory that allows two independent systems (or processors) to read and write to the same memory locations simultaneously.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Density** | 8 Kbit (1,024 words x 8 bits) |
| **Access Time** | 55 ns (Nanoseconds) |
| **Interface** | Parallel (Dual-Port) |
| **Voltage Supply** | 4.5V to 5.5V (Standard 5V) |
| **Package Type** | PLCC-52 (Plastic Leaded Chip Carrier) |
| **Power Version** | "LA" (Low Power) |
| **Operating Temp** | 0°C to +70°C (Commercial) |
---
### 2. Functional Architecture
The device is designed to handle asynchronous communication between two buses. To manage potential data conflicts, it includes specific hardware logic:
* **Independent Control:** Each port (Left and Right) has its own independent address, data, and control pins (Read/Write, Chip Enable, Output Enable).
* **Arbitration Logic:** It features **Busy ($ \overline{BUSY} $)** signals to notify a port if the other port is currently accessing the same memory location.
* **Interrupt Logic:** It includes an **Interrupt ($ \overline{INT} $)** function that acts as a mailbox, allowing one processor to signal the other that data is ready.
---
### 3. Pinout and Packaging Details (PLCC-52)
The "JB" suffix indicates a 52-pin Plastic Leaded Chip Carrier. Key pin groups include:
1. **Address Lines ($A_{0L}-A_{9L}$ and $A_{0R}-A_{9R}$):** Used to select one of the 1,024 bytes from either side.
2. **Data I/O ($I/O_{0L}-I/O_{7L}$ and $I/O_{0R}-I/O_{7R}$):** The 8-bit bi-directional data paths.
3. **Control Pins:**
* $R/\overline{W}$: Read or Write selection.
* $\overline{CE}$: Chip Enable.
* $\overline{OE}$: Output Enable.
* $\overline{SEM}$: Semaphore signaling for resource management.
---
### 4. Typical Applications
* **Inter-Processor Communication:** Bridging a slow 8-bit microcontroller with a faster 16/32-bit DSP.
* **Buffer Memory:** Used in network controllers or disk drive controllers to store data packets/blocks during transfer.
* **Dual-Bus Systems:** Systems where two different CPUs need shared access to a lookup table or status register.
---
### 5. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **IDT7130** | Base part number (1K x 8 Dual-Port RAM) |
| **LA** | Low Power version |
| **55** | 55ns access speed |
| **J** | PLCC package type |
| **B** | Commercial temperature range / Revision code |
- ⤷
How does the arbitration logic prevent data corruption in this Dual-Port RAM?
- ⤷ What are the main differences between the IDT7130 and the IDT7132 models?
- ⤷ Can this 5V device be interfaced directly with a 3.3V modern microcontroller?