công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IDT7130LA55FG

  • AI
    ### IDT7130LA55FG: Technical Overview The **IDT7130LA55FG** is a high-speed **1K x 8 Dual-Port Static RAM (SRAM)**. It is designed to allow two independent processors or buses to access a common memory space simultaneously without interference, making it a critical component in multiprocessor systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 8 Kbit (1,024 words x 8 bits) | | **Access Time** | 55 ns | | **Interface Type** | Dual-Port Parallel | | **Supply Voltage (Vcc)** | 5.0V (±10%) | | **Operating Current** | Low Power (LA series) | | **Package Type** | FPBGA (Fine Pitch Ball Grid Array) | | **Pin Count** | 64 Pins (typical for this series/package) | --- ### 2. Core Functional Components The internal architecture of the IDT7130 consists of several specialized electronic subsystems: #### A. Dual-Port Memory Array The heart of the chip is an SRAM cell matrix. Unlike standard RAM, these cells are "dual-ported," meaning they have two sets of independent address, data, and control lines (Left Port and Right Port). #### B. Arbitration & Control Logic * **Busy Logic (`/BUSY`):** Since two ports can attempt to write to the same memory location simultaneously, the chip uses arbitration logic to signal when one port must wait. * **Interrupt Logic (`/INT`):** This allows one processor to "message" the other. Writing to a specific mailbox location triggers an interrupt signal on the opposite port. #### C. Input/Output Buffers High-speed buffers ensure that the data signals (I/O 0-7) maintain integrity across the parallel bus at the rated 55ns speed. --- ### 3. Pinout Functions (Main Categories) | Pin Category | Description | | :--- | :--- | | **A0 - A9** | Address inputs for selecting one of the 1,024 bytes. | | **I/O 0 - I/O 7** | Bi-directional data lines for reading and writing. | | **R/W** | Read/Write control signal. | | **CE (Chip Enable)** | Activates the specific port for operation. | | **OE (Output Enable)** | Manages the data output buffers to prevent bus contention. | --- ### 4. Applications * **Multiprocessor Systems:** Linking two CPUs to share data. * **Digital Signal Processing (DSP):** Passing data between a controller and a DSP. * **Communication Buffers:** Used in high-speed network switches or routers to manage data flow between different clock domains. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'SA' versions of the IDT7130?
    • ⤷ How does the arbitration logic handle simultaneous write requests?
    • ⤷ Are there modern CMOS replacements for this legacy 5V dual-port RAM?