ID2006SEC-R1
AI

The **ID2006SEC-R1** is a specialized electronic fingerprint sensor module, typically utilized in biometric security systems, smart locks, and attendance machines. Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Technical Specifications
The following table outlines the core electrical characteristics of the ID2006SEC-R1 module:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Capacitive Fingerprint Sensor |
| **Operating Voltage** | DC 3.3V (±5%) |
| **Operating Current** | < 40mA (Active), < 10uA (Standby/Sleep) |
| **Communication Interface** | UART (TTL) or SPI |
| **Baud Rate** | 9600 to 115200 bps (Default: 115200) |
| **Storage Capacity** | Up to 170 - 500 templates (model dependent) |
| **Resolution** | 508 DPI |
---
## 2. Core Electronic Components
### A. Capacitive Sensor Grid
The "R1" designation often refers to a circular or rectangular capacitive sensing area. Unlike optical sensors that use a camera, this part uses an array of micro-capacitors to measure the voltage difference between the ridges (touching the surface) and valleys (not touching) of a fingerprint.
### B. Integrated Processor (MCU)
The module contains an onboard high-speed microcontroller responsible for:
* **Image Processing:** Converting the raw analog capacitance data into a digital image.
* **Template Extraction:** Using algorithms to identify "minutiae" (unique points).
* **Secure Storage:** Storing encrypted biometric templates within its internal flash memory.
### C. Power Management Circuit
To support battery-operated devices (like smart door locks), the ID2006SEC-R1 includes a sophisticated power management IC. It supports a **3.3V logic level** and features a "Touch Induction" pin, which allows the main system to stay in deep sleep until a finger is detected.
---
## 3. Interface Pinout (Typical 6-Pin Connector)
Most ID2006 series modules use a 1.0mm or 1.25mm pitch connector with the following electronic signals:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | 3.3V Power Input |
| 2 | **TX/MOSI** | Data Output (UART) or Master Out (SPI) |
| 3 | **RX/MISO** | Data Input (UART) or Master In (SPI) |
| 4 | **GND** | Ground |
| 5 | **WAKEUP** | Output signal to wake up the host MCU |
| 6 | **3.3V_Touch** | Independent power for the touch-sensing circuit |
---
## 4. Operational Logic
1. **Sensing:** The capacitive grid detects the finger.
2. **Digitization:** The onboard ADC (Analog-to-Digital Converter) converts the signal.
3. **Comparison:** The MCU compares the live scan against the stored HEX string templates.
4. **Output:** The module sends a "Success" or "Fail" packet via the UART interface to the master controller (e.g., Arduino, ESP32, or ARM processor).
- ⤷
What is the command protocol used to communicate with the ID2006SEC-R1?
- ⤷ How do you wire this sensor to an Arduino or ESP32 board?
- ⤷ Does this module support encrypted data transmission for higher security?