ICS628T
AI

The **ICS628T** is a low-cost, high-performance integrated circuit (IC) primarily designed as a **Clock Multiplier** or **Zero Delay Buffer**. It is part of the IDT (Integrated Device Technology, now Renesas) clock management portfolio.
---
## 1. Core Technical Specifications
The ICS628T is designed to take a low-frequency reference clock and output a high-frequency, jitter-free signal using Phase-Locked Loop (PLL) technology.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage ($V_{DD}$)** | 3.0V to 5.5V |
| **Operating Frequency** | Typically up to 160 MHz (Output) |
| **Input Clock Range** | 2 MHz to 50 MHz |
| **Package Type** | 8-pin SOIC (Small Outline Integrated Circuit) |
| **Operating Temp** | 0°C to +70°C (Commercial) |
---
## 2. Key Internal Components
The functionality of the ICS628T is driven by three main internal stages:
1. **Phase-Locked Loop (PLL):** The heart of the chip. It synchronizes the output frequency with the input reference to ensure minimal "drift."
2. **Voltage Controlled Oscillator (VCO):** Generates the internal high-speed signal based on the voltage feedback from the PLL.
3. **Frequency Dividers:** Digital logic that determines the multiplication factor (e.g., doubling or quadrupling the input clock).
---
## 3. Pin Configuration and Functions
The 8-pin layout is standard for simple clock generators:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **ICLK** | Reference Clock Input. |
| 2 | **S0** | Selection Input 0 (Sets the multiplication ratio). |
| 3 | **S1** | Selection Input 1 (Sets the multiplication ratio). |
| 4 | **GND** | Connects to System Ground. |
| 5 | **VDD** | Power Supply (3.3V or 5V). |
| 6 | **CLK** | Clock Output. |
| 7 | **NC** | No Connection (internal testing). |
| 8 | **OE** | Output Enable (High = Output Active, Low = High Impedance). |
---
## 4. Common Use Cases
The ICS628T is frequently used in systems where a high-speed clock is needed but only a low-speed crystal is available to save costs or reduce EMI (Electromagnetic Interference).
* **PC Motherboards:** To generate peripheral clocks from a master crystal.
* **Networking Equipment:** Providing stable timing for routers and switches.
* **Embedded Systems:** Synchronizing microcontrollers with external sensors or memory.
---
## 5. Circuit Implementation Example
When designing a PCB with the ICS628T, it is crucial to include a decoupling capacitor to minimize noise.
```c
// Typical Schematic Connection Strategy:
// 1. Place a 0.1uF capacitor between VDD (Pin 5) and GND (Pin 4).
// 2. Keep the trace from Pin 1 (ICLK) as short as possible.
// 3. Connect S0/S1 to VDD or GND to set the desired output multiplier.
```
- ⤷What are the specific multiplication factors available via the S0 and S1 pins?
- ⤷ What is the typical output jitter performance of the ICS628T?
- ⤷ How does the ICS628T compare to the ICS501 series?