công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IA0405-R27KA

  • AI
    The **IA0405-R27KA** is a specific surface-mount electronic component, typically classified as a **Power Inductor**. These components are essential in power management circuits for energy storage and filtering. --- ### 1. Component Specifications Based on the part number nomenclature, here are the technical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Fixed Inductor | Power Inductor (SMD) | | **Inductance** | 0.27 µH | Designated by "R27" | | **Tolerance** | ±10% | Designated by "K" | | **Mounting Type** | SMD/SMT | Surface Mount Technology | | **Core Material** | Ferrite or Composite | High-frequency efficiency | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific data about the device's physical and electrical properties: * **IA**: Manufacturer series prefix (often associated with high-current molded power inductors). * **0405**: Physical dimensions. Usually represents the footprint (e.g., approx 4.0mm x 5.0mm). * **R27**: The inductance value. "R" acts as a decimal point, meaning **0.27 microhenries (µH)**. * **K**: Tolerance code. "K" represents **±10%**. * **A**: Packaging or revision code (e.g., Taping & Reeling). --- ### 3. Key Electronic Functions Inductors like the IA0405-R27KA serve three primary roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), the inductor stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing stable DC current to pass through. 3. **Current Regulation:** It resists sudden changes in current, protecting sensitive downstream components from spikes. --- ### 4. Common Applications * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards. * **DC-DC Converters:** Used in battery-powered devices (smartphones, tablets) to step down voltages. * **LED Drivers:** Providing constant current for lighting systems. * **Embedded Systems:** General power rail decoupling and filtering. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the IA0405 series?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the physical dimensions of the 0405 package in millimeters?