công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IA0405-R18KA

  • AI
    The **IA0405-R18KA** is an industrial-grade **Inductive Proximity Sensor** typically manufactured by companies like Carlo Gavazzi. These sensors are used to detect the presence of metallic objects without physical contact. --- ### ## Technical Specifications The following table outlines the primary electronic and physical characteristics of the IA0405-R18KA: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Inductive Proximity | | **Housing Style** | Cylindrical (Miniature) | | **Diameter** | 4 mm | | **Sensing Distance ($S_n$)** | 0.8 mm | | **Mounting** | Flush (Shielded) | | **Output Type** | PNP | | **Output Function** | Normally Closed (NC) | | **Voltage Range** | 10 - 30 VDC | | **Max Switching Current** | 100 mA | | **Switching Frequency** | 2000 Hz | | **Material** | Stainless Steel | --- ### ## Key Electronic Components & Operation 1. **Oscillator Circuit:** This internal circuit creates a high-frequency electromagnetic field that radiates from the sensing face. 2. **The "Eddy Current" Principle:** When a metallic object enters the field, eddy currents are induced in the target. This absorbs energy from the oscillator, reducing the amplitude of the oscillations. 3. **Schmitt Trigger:** This component monitors the amplitude of the oscillation. Once it drops below a specific threshold, the trigger switches the output state. 4. **PNP Output Stage:** The "P" in PNP indicates that the sensor switches the **Positive** side of the circuit. When the sensor is triggered (or in this case, when the target is absent, as it is Normally Closed), it completes the circuit to the positive rail. --- ### ## Wiring Diagram Logic The sensor typically utilizes a 3-wire DC connection system: * **Brown:** Positive (+VDC, 10-30V) * **Blue:** Negative (0V / Ground) * **Black:** Output Signal (Load connected between Black and Blue) ```text [ Brown ] (+) --------- +10-30VDC [ Black ] (Out) ------- [ Load ] ---| [ Blue ] (-) --------- GND ---------| ``` --- ### ## Application Use Cases * **Micro-positioning:** Due to its 4mm size, it is used in compact machinery where space is limited. * **Speed Monitoring:** With a 2kHz switching frequency, it can count pulses from small gears or rotating shafts. * **End-of-stroke Detection:** Used in small pneumatic cylinders to confirm a part has reached its destination.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PNP and NPN versions of this sensor?
    • ⤷ How does the sensing distance change if the target is aluminum instead of steel?
    • ⤷ What is the meaning of a 'Normally Closed' output in this specific model?