công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IA0405-R12KA

  • AI
    ## Overview of IA0405-R12KA The **IA0405-R12KA** is an industrial-grade **Inductive Proximity Sensor**. These components are widely used in automation and manufacturing for non-contact detection of metallic objects. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Inductive | | **Body Shape** | Rectangular / Block Type | | **Sensing Distance** | 0.8 mm (Standard Range) | | **Operating Voltage** | 10 - 30 VDC | | **Output Type** | NPN / PNP (Depending on specific wiring configuration) | | **Switching Frequency** | Up to 2 kHz | | **Housing Material** | Nickel-plated brass or Plastic (PA66) | | **Protection Rating** | IP67 (Dust tight and water immersion resistant) | --- ### Internal Electronic Components An inductive proximity sensor like the IA0405 series consists of four main functional stages: 1. **Oscillator Circuit**: Uses an LC (Inductor-Capacitor) tank circuit to generate a high-frequency electromagnetic field that radiates from the sensing face. 2. **Sensing Coil**: The physical inductor that creates the magnetic field. When a metallic object enters this field, "eddy currents" are induced in the object. 3. **Schmitt Trigger (Evaluator)**: This circuit monitors the amplitude of the oscillations. When a metal target absorbs energy, the amplitude drops. The Schmitt trigger detects this change and converts it into a digital signal (ON/OFF). 4. **Output Stage (Amplifier)**: Typically uses a transistor (NPN or PNP) to switch the load. It includes protection diodes to prevent damage from reverse polarity or short circuits. --- ### Connection Diagram (Typical) Most IA series sensors use a standard 3-wire DC color code: ```text BN (Brown) --------> +VDC (10-30V) BU (Blue) --------> 0V (GND) BK (Black) --------> Output Signal (Load) ``` --- ### Key Applications * **Position Sensing**: Detecting the end-of-travel for small robotic arms. * **Counting**: Counting metal parts on a high-speed conveyor belt. * **Pulse Generation**: Monitoring the RPM of a rotating metal gear.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output configurations for this sensor?
    • ⤷ Can this sensor detect non-metallic objects like plastic or glass?
    • ⤷ What is the maximum current capacity for the output stage of the IA0405 series?