công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • IA0204-R33MR

  • AI
    The **IA0204-R33MR** is a specific part number primarily associated with **Inductive Proximity Sensors**, often manufactured by companies like **Carlo Gavazzi** or specialized industrial automation suppliers. Below is a detailed breakdown of its electronic components, specifications, and functional characteristics. --- ## 1. Technical Specifications This sensor is designed for non-contact detection of metallic objects in industrial environments. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Inductive Proximity | | **Housing Material** | Stainless Steel (typically) | | **Mounting** | Flush / Shielded | | **Rated Operating Distance ($S_n$)** | 0.8 mm to 1.5 mm (model dependent) | | **Output Type** | Reed Contact / Magnetic sensitive | | **Connection Type** | Cable or M8 Connector (R33 variant usually denotes specific cabling) | | **Operating Voltage** | 5 - 30 VDC | --- ## 2. Key Electronic Components The internal circuitry of an IA0204 series sensor typically consists of four main stages: ### A. The Oscillator (LC Circuit) The core of the sensor is an **LC resonant circuit**. It consists of a high-quality copper coil (Inductor) and a capacitor. - **Function:** It creates a high-frequency electromagnetic field that emanates from the sensing face. ### B. The Trigger Circuit (Schmitt Trigger) Once a metal object enters the field, "Eddy currents" are induced in the target, which drains energy from the oscillator and reduces the amplitude of the oscillations. - **Function:** The Schmitt Trigger monitors this amplitude. When it drops below a specific threshold, the trigger changes state to signal a detection. ### C. Output Switching Element In the **R33MR** variant, the output is often a **Reed Switch** or a specific **NPN/PNP transistor** configuration. - **Protection:** Most modern versions include reverse polarity protection and transient noise suppression to prevent damage from inductive spikes. ### D. Indicator (LED) Most units include a tiny Surface Mount Device (SMD) LED. - **Function:** Provides visual feedback (usually yellow or red) when the target is within the sensing range. --- ## 3. Physical Dimensions (Typical IA0204) The "0204" in the part number usually refers to the physical size of the housing. | Dimension | Value | | :--- | :--- | | **Diameter** | Ø 4 mm (Smooth barrel) | | **Length** | ~25 mm to 38 mm | | **Enclosure Rating** | IP67 (Dust tight and water immersion resistant) | --- ## 4. Wiring Diagram Representation For a standard DC 3-wire NPN configuration (common for this series): ```text [ Brown ] ---- (+) 10-30VDC [ Blue ] ---- (-) 0V (Ground) [ Black ] ---- (Output Load) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output types for this sensor?
    • ⤷ How does the 'Flush' mounting affect the sensing distance compared to Non-Flush?
    • ⤷ What are the common industrial applications for 4mm inductive sensors?