AI

Based on the part number structure provided, the **I641-61AC9O2-155.520** refers to a high-precision **Voltage Controlled Crystal Oscillator (VCXO)**, likely manufactured by companies like *ILSI*, *Ecliptek*, or *Abracon* (which share similar naming conventions for frequency control products).
---
## 1. Technical Specification Breakdown
The alphanumeric string encodes the specific physical and electrical characteristics of the component.
| Segment | Feature | Description |
| :--- | :--- | :--- |
| **I641** | **Package Type** | Typically represents a standard SMD (Surface Mount Device) package, often 5.0 x 3.2 mm or 7.0 x 5.0 mm. |
| **61** | **Voltage Supply** | Indicates the operating voltage (Commonly 3.3V or 2.5V). |
| **AC** | **Stability & Temp** | Defines the frequency stability (e.g., ±25ppm or ±50ppm) over an operating temperature range. |
| **9** | **Duty Cycle** | Specifies the symmetry of the output waveform (e.g., 45/55%). |
| **O2** | **Output Type** | Likely **LVPECL** or **LVDS** differential output, which are standard for high frequencies. |
| **155.520** | **Frequency** | The nominal operating frequency in MHz (**155.520 MHz**). |
---
## 2. Key Electrical Attributes
This specific frequency (**155.520 MHz**) is a standard industry value used in high-speed telecommunications.
### Frequency Significance
* **SONET/SDH:** 155.520 MHz is the fundamental clock rate for OC-3/STM-1 optical networking standards.
* **Precision:** As a VCXO, the frequency can be slightly adjusted (pulled) by applying a control voltage to a specific pin, allowing the system to synchronize with an external reference clock.
### Output Characteristics
* **Differential Signaling:** Parts in this category usually use LVPECL (Low-Voltage Positive Emitter-Coupled Logic). This provides excellent noise immunity and high-speed switching capabilities.
* **Jitter Performance:** Designed for "Low Phase Jitter," essential for maintaining low bit-error rates in data transmission.
---
## 3. Application Areas
This component is typically found in infrastructure-grade hardware rather than consumer electronics:
1. **Networking:** Switches, routers, and base stations.
2. **Fiber Optics:** Transceiver modules and optical line terminals.
3. **Phase-Locked Loops (PLL):** Used as a local oscillator in frequency synthesis circuits.
4. **Test & Measurement:** High-speed data acquisition systems.
---
## 4. Typical Pin Configuration
For a standard 6-pad SMD VCXO, the pinout usually follows this pattern:
```text
Pin 1: Voltage Control (Vc)
Pin 2: Enable/Disable (OE)
Pin 3: Ground (GND)
Pin 4: Output (Q)
Pin 5: Complementary Output (Q-bar)
Pin 6: Supply Voltage (Vdd)
```
- ⤷
What is the exact package size for the I641 series?
- ⤷ Can this part be substituted with a standard XO (Fixed Oscillator) instead of a VCXO?
- ⤷ What is the typical phase jitter specification for a 155.520 MHz PECL oscillator?